Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2202 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 35Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 36Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 37Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 38Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 39Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 41Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 42Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
39/65
2003-May-05
15.2.3 Two-Pin Push Pull Mode (8-bit Accuracy)
Two-Pin Push Pull mode is designed for buzzer. It requires
two pin that PSG0 and PSG1. When the DAC value is 0,
both pins are low. When the DAC value is positive, PSG1
goes high with a duty cycle proportional to the output
value, while PSG0 stays low. When the DAC value is
negative, PSG0 goes high with a duty cycle proportional
to the output value, while PSG1 stays low. This mode offers
a resolution of 8 bits.
Figure 13-7 shows examples of DAC output waveforms with
different output values. Each pulse of the DAC is divided
into 128 segments per sample period. For a positive output
value x=0 to 127, PSG1 goes high for X segments while
PSG0 stays low. For a negative output value x=0 to -127,
PSG0 goes high for |X| segments while PSG1 stays low.
FIGURE 15-5 Two-Pin Push Pull Mode Wave Form
High
Low
PSG0
DAC = X
Where X=0 to 127
DAC = 96
High
Low
PSG1
X
128-X
DAC = 32
DAC = 127
127
1
96
32
32
96
High
Low
PSG0
DAC = X
Where X=0 to -128
DAC = 0
High
Low
PSG1
|X|
128+X
DAC = -48
DAC = -128
48
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com