Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2202 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 45Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 46Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 47Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 48Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 49Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 50Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 51Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 52Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
49/65
2003-May-05
17.3.3 SPI Status Register
TABLE 17-5 SPI Status Register
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
R
-
RXRDY
TXEMP
SBZ
-
MDERR
OERR
BCERR
-000 -000
$053
SSR
W
Write any value to reset SSR
Bit 6: RXRDY : Receive buffer status flag
0 = Receive buffer is empty
1 = Receive buffer is filled with new data and is ready
Bit 5: TXEMP : Transmit buffer status flag
0 = Data in transmit buffer is waiting for exchanging
1 = Transmit buffer is empty
Bit 4: SBZ : SPI busy flag
0 = SPI is idle
1 = SPI is busy exchanging data
Bit 2: MDERR : Mode fault status flag
0 = SS signal is at high level and is normal
1 = SS signal inputs low level / a mode fault status detected
Bit 1: OERR : Receive buffer overrun error flag
0 = No receive buffer overrun error
1 = Receive buffer overrun error occurs
Bit 0: BERR : Bit count violation flag
0 = Exchanged data bit number matches bit count setting in slave mode
1 = Exchanged data bit number is less than bit count setting in slave mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com