Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2416 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC2416 Datasheet HTML 9Page - STMicroelectronics STLC2416 Datasheet HTML 10Page - STMicroelectronics STLC2416 Datasheet HTML 11Page - STMicroelectronics STLC2416 Datasheet HTML 12Page - STMicroelectronics STLC2416 Datasheet HTML 13Page - STMicroelectronics STLC2416 Datasheet HTML 14Page - STMicroelectronics STLC2416 Datasheet HTML 15Page - STMicroelectronics STLC2416 Datasheet HTML 16Page - STMicroelectronics STLC2416 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13/27
STLC2416
the device enters read array mode, but a negative transition of Chip Enable or a change of the address
is required to ensure valid data outputs.
– Vdd Supply Voltage (vddf)
Vdd provides the power supply to the internal core of the flash memory device. It is the main power sup-
ply for all operations (Read, Program and Erase)
– Vddq Supply Voltage (vddq)
Vddq provides the power supply to the I/O pins and enables all Outputs to be powered independently
from Vddf. Vddq can be tied to Vddf or can use separate supply.
– Vpp Program Supply Voltage (vpp)
Vpp is both a control input and a power supply pin. The two functions are selected by the voltage range
applied to the pin. The supply voltage Vddf and the program supply voltage Vpp can be applied in any
order.
If Vpp is kept in a low voltage range (0V to 3.6V) Vpp is seen as a control input. In this case a voltage
lower than 1V gives protection agains program or block erase, while 1.65V<Vpp<3.6V enables these
functions. Vpp is only sampled at the beginning of a program or block erase; a change in its value after
the operation has started does not have any effect and program or erase operations continue.
If Vpp is in the range 11.4V to 12.6V it acts as a power supply pin. In this condition Vpp must be stable
until the Program/Erase algorithm is completed.
– Vssf Flash Ground (vssf)
Vssf is the reference for all voltage measurements.
– Address Inputs (Addr(1-18)/Addr(0-19)), Data Input/Output (Data(0-15)/Data(0-15)), Chip Enable (ne/
csn(0)), Output Enable (ng/rdn), Write Enable (nw/wrn) are connected to and controlled by the Blue-
tooth™ baseband controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com