Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2416 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLC2416 Datasheet HTML 14Page - STMicroelectronics STLC2416 Datasheet HTML 15Page - STMicroelectronics STLC2416 Datasheet HTML 16Page - STMicroelectronics STLC2416 Datasheet HTML 17Page - STMicroelectronics STLC2416 Datasheet HTML 18Page - STMicroelectronics STLC2416 Datasheet HTML 19Page - STMicroelectronics STLC2416 Datasheet HTML 20Page - STMicroelectronics STLC2416 Datasheet HTML 21Page - STMicroelectronics STLC2416 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
STLC2416
18/27
tooth voice communication while an intensive WLAN communication is ongoing.
Several algorithms have been implemented in order to provide a maximum of flexibility and efficiency for
the priority handling. Those algorithms can be activated via specific HCI commands.
The combination of a time division multiplexing techniques to share the bandwidth in case of simultaneous
operations and of the priority mechanism avoid the interference due to packet collision and it allows the
maximization of the 2.4 GHz ISM bandwidth usage for both devices while preserving the quality of some
critical types of link.
7.12.2 Algorithm 2: WLAN master
In case the STLC2416 has to cooperate, in a collocated scenario, with a WLAN chip not supporting a PTA
based algorithm, it's possible to put in place a simpler mechanism.
The interface is reduced to 1 line:
When the WLAN has to operate, it alerts HIGH the RF_NOT_ALLOWED signal and the STLC2416 will
not operate while this signals stays HIGH.
This mechanism permits to avoid packet collision in order to make an efficient use of the bandwidth but
cannot provide guaranteed quality over the Bluetooth links.
7.12.3 Algorithm 3: Bluetooth master
This algorithm represents the symmetrical case of section 7.12.2. Also in this case the interface is re-
duced to 1 line:
When the STLC2416 has to operate it alerts HIGH the RF_NOT_ALLOWED signal and the WLAN will not
operate while this signals stays HIGH.
This mechanism permits to avoid packet collision in order to make an efficient use of the bandwidth, it pro-
vides high quality for all Bluetooth links but cannot provide guaranteed quality over the WLAN links.
7.12.4 Algorithm 4: Two-wire mechanism
Based on algorithm 2 and 3, the Host decides, on a case-by-case basis, whether WLAN or Bluetooth is
master.
7.12.5 Algorithm 5: Alternating Wireless Medium Access (AWMA)
AWMA utilizes a portion of the WLAN beacon interval for Bluetooth operations. From a timing perspective,
the medium assignment alternates between usage following WLAN procedures and usage following Blue-
tooth procedures.
The timing synchronization between the WLAN and the STLC2416 is done by the HW signal
MEDIUM_FREE.
STLC2416
WLAN
RF_NOT_ALLOWED
STLC2416
WLAN
RF_NOT_ALLOWED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com