Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2416 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 2 Page - STMicroelectronics

  STLC2416 Datasheet HTML 1Page - STMicroelectronics STLC2416 Datasheet HTML 2Page - STMicroelectronics STLC2416 Datasheet HTML 3Page - STMicroelectronics STLC2416 Datasheet HTML 4Page - STMicroelectronics STLC2416 Datasheet HTML 5Page - STMicroelectronics STLC2416 Datasheet HTML 6Page - STMicroelectronics STLC2416 Datasheet HTML 7Page - STMicroelectronics STLC2416 Datasheet HTML 8Page - STMicroelectronics STLC2416 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
STLC2416
2/27
2
DESCRIPTION
The STLC2416 from STMicroelectronics is a Bluetooth™ baseband controller with integrated 4 Mbit flash mem-
ory. Together with a Bluetooth™ Radio this product offers a compact and complete solution for short-range wire-
less connectivity. It incorporates all the lower layer functions of the Bluetooth™ protocol.
The microcontroller allows the support of all data packets of Bluetooth™ in addition to voice. The embedded
controller can be used to run the Bluetooth™ protocol and application layers if required. The software is located
in the integrated flash memory.
3
QUICK REFERENCE DATA
3.1 Absolute Maximum Ratings
Operation of the device beyond these conditions is not guaranteed.
Sustained exposure to these limits will adversely affect device reliability.
Table 2. Absolute Maximum Ratings
3.2 Operating Ranges
Operating ranges define the limits for functional operation and parametric characteristics of the device.
Functionality outside these limits is not implied.
Table 3. Operating Ranges
3.3 I/O specifications
Depending on the interface, the I/O voltage is typical 1.8V (interface to the flash memory) or typical 3.3V
(all the other interfaces). These I/Os comply with the EIA/JEDEC standard JESD8-B.
3.3.1
Specifications for 3.3V I/Os
Table 4. LVTTL DC Input Specification (3V<VDDIO<3.6V)
Symbol
Conditions
Min
Max
Unit
VDD
Supply voltage baseband core
VSS – 0.5
2.5
V
VDDF
Supply voltage flash
VSS – 0.5
2.5
V
VPP
Fast Program Voltage
VSS – 0.5
13
V
VDDIO
Supply voltage baseband I/O
4
V
VDDQ
Supply voltage flash I/O
VSS – 0.5
2.5
V
VIN
Input voltage on any digital pin (excluding FLASH input pins)
VSS – 0.5
VDDIO + 0.3
V
Tstg
Storage temperature
-55
+150
°C
Tlead
Lead temperature < 10s
+250
°C
Symbol
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage baseband core and EMI pads
1.55
1.8
1.95
V
VDDF
Supply voltage flash
1.55
1.8
1.95
V
VDDIO
Supply voltage digital I/O
2.7
3.3
3.6
V
VDDQ
Supply voltage flash I/O (VDDQ ≤ VDDF)
1.55
1.8
1.95
V
Tamb
Operating ambient temperature
-40
+85
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vil
Low level input voltage
0.8
V
Vih
High level input voltage
2
V
Vhyst
Schmitt trigger hysteresis
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com