Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2416 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 4 Page - STMicroelectronics

  STLC2416 Datasheet HTML 1Page - STMicroelectronics STLC2416 Datasheet HTML 2Page - STMicroelectronics STLC2416 Datasheet HTML 3Page - STMicroelectronics STLC2416 Datasheet HTML 4Page - STMicroelectronics STLC2416 Datasheet HTML 5Page - STMicroelectronics STLC2416 Datasheet HTML 6Page - STMicroelectronics STLC2416 Datasheet HTML 7Page - STMicroelectronics STLC2416 Datasheet HTML 8Page - STMicroelectronics STLC2416 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
STLC2416
4/27
4
Block Diagram and Electrical Schema
Figure 2. Block Diagram and Electrical Schematic
RADIO
I/F
BLUETOOTH
CORE
ARM7
TDMI
APB
BRIDGE
INTERRUPT
CONTROLLER
TIMER
START
DETECT
UART
FIFO
SYSTEM
CONTROL
EMI
DATA(0..15)
ADDR(0..19)
CSN(0)
WRN
RDN
NW
NG
NE
ADDR(1..18)
DATA(0..15)
4Mbit
FLASH
UART
UART
100nF
100nF
22pF
Y2
32kHz
(*) If a low-power clock is available, it can be connected to the LPOCLKP pin in stead of using a crystal
(**) For device testing only (should not be connected in the application.
22pF
GPIO
BOOT
ROM
D
M
A
RAM
LPO
13
4
RF BUS
PCM
EXT._INT1/2
USB
I2C
SPI
GPIO(O..15)
UART2
UART1
VDD
NRESET
SYS_CLK_REQ
LPOCLKP
LPOCLKN
VDDPLL
SPI
I2C
USB
PCM
2
2
4
1
5
JTAG
XIN
BOOT
CSN(1..2)
RDN/NG
NRP
NWP
CSN(0)
NE
ADDR
(0,2,17,18,19)
DATA(0..15)
2
1
1
1
20
18
16
16
16
8
2
2
2
1
1
5
D03TL582C
VDD
100nF
VDDIO
100nF
VDDIO
100nF
VDD
(*)
(**)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com