Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2416 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC2416 Datasheet HTML 1Page - STMicroelectronics STLC2416 Datasheet HTML 2Page - STMicroelectronics STLC2416 Datasheet HTML 3Page - STMicroelectronics STLC2416 Datasheet HTML 4Page - STMicroelectronics STLC2416 Datasheet HTML 5Page - STMicroelectronics STLC2416 Datasheet HTML 6Page - STMicroelectronics STLC2416 Datasheet HTML 7Page - STMicroelectronics STLC2416 Datasheet HTML 8Page - STMicroelectronics STLC2416 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3/27
STLC2416
Table 5. LVTTL DC Output Specification (3V<VDDIO<3.6V)
Note: X is the source/sink current under worst-case conditions according to the drive capability. (See table 8, pad information for value of X).
3.3.2
Specifications for 1.8V I/Os
Table 6. DC Input Specification (1.55V<VDD<1.95V)
Table 7. DC Output Specification (1.55V<VDD<1.95V)
Note: X is the source/sink current under worst-case conditions according to the drive capability. (See table 8, pad information for value of X).
3.4 Current Consumption
Table 8. Typical power consumption of the STLC2416 (VDD = VDD Flash = PLLVDD = 1.8V, VDDIO = 3.3V)
(Indicative only)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vol
Low level output voltage
Iol = X mA
0.15
V
Voh
High level output voltage Ioh =-X mA
VDDIO-0.15
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vil
Low level input voltage
0.35*VDD
V
Vih
High level input voltage
0.65*VDD
V
Vhyst
Schmitt trigger hysteresis
0.2
0.3
0.5
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vol
Low level output voltage
Iol = X mA
0.15
V
Voh
High level output voltage
Ioh =-X mA
VDD-0.15
V
STLC2416 State
Core
IO
Unit
Slave
Master
Standby (no low power mode)
5.10
5.10
0.13
mA
Standby (low power mode enabled)
0.94
0.94
0.13
mA
ACL connection (no transmission)
7.60
6.99
0.13
mA
ACL connection (data transmission)
7.90
7.20
0.13
mA
SCO connection (no codec connected)
8.70
7.90
0.14
mA
Inquiry and Page scan (low power mode enabled)
127
n.a.
5
µA
Low Power mode (32 kHz crystal)
20
20
0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com