Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2416 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLC2416 Datasheet HTML 18Page - STMicroelectronics STLC2416 Datasheet HTML 19Page - STMicroelectronics STLC2416 Datasheet HTML 20Page - STMicroelectronics STLC2416 Datasheet HTML 21Page - STMicroelectronics STLC2416 Datasheet HTML 22Page - STMicroelectronics STLC2416 Datasheet HTML 23Page - STMicroelectronics STLC2416 Datasheet HTML 24Page - STMicroelectronics STLC2416 Datasheet HTML 25Page - STMicroelectronics STLC2416 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
STLC2416
22/27
The PCM block is able to manage the PCM bus with up to 3 timeslots.
In master mode, PCM clock and data can operate at 2 MHz or at 2.048 MHz to allow interfacing of stan-
dard codecs.
The four signals of the PCM interface are:
– PCM_CLK :
PCM clock
– PCM_SYNC :
PCM 8kHz sync
– PCM_A :
PCM data
– PCM_B :
PCM data
Directions of PCM_A and PCM_B are software configurable.
Three additional PCM_SYNC signals can be provided via the GPIOs. See section 12 for more details.
Figure 10. PCM (A-law,
µ-law) standard mode
Figure 11. Linear mode
Table 13. PCM interface timing.
Symbol
Description
Min
Typ
Max
Unit
PCM Interface
Fpcm_clk
Frequency of PCM_CLK (master)
2048
kHz
Fpcm_sync
Frequency of PCM_SYNC
8
kHz
tWCH
High period of PCM_CLK
200
ns
tWCL
Low period of PCM_CLK
200
ns
tWSH
High period of PCM_SYNC
200
ns
tSSC
Setup time, PCM_SYNC high to PCM_CLK low
100
ns
tSDC
Setup time, PCM_A/B input valid to PCM_CLK low
100
ns
tHCD
Hold time, PCM_CLK low to PCM_A/B input invalid
100
ns
tDCD
Delay time, PCM_CLK high to PCM_A/B output valid
150
ns
D02TL558
PCM_CLK
PCM_SYNC
PCM_A
B
B
PCM_B
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
B
125
µs
B
D02TL559
PCM_CLK
PCM_SYNC
PCM_A
PCM_B
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
125
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com