Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4013EUFD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4013EUFD
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013EUFD Datasheet(HTML) 1 Page - Linear Technology

  LTC4013EUFD Datasheet HTML 1Page - Linear Technology LTC4013EUFD Datasheet HTML 2Page - Linear Technology LTC4013EUFD Datasheet HTML 3Page - Linear Technology LTC4013EUFD Datasheet HTML 4Page - Linear Technology LTC4013EUFD Datasheet HTML 5Page - Linear Technology LTC4013EUFD Datasheet HTML 6Page - Linear Technology LTC4013EUFD Datasheet HTML 7Page - Linear Technology LTC4013EUFD Datasheet HTML 8Page - Linear Technology LTC4013EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
dc2374afa
DEMO MANUAL DC2374A
DESCRIPTION
LTC4013EUFD
60V Synchronous Buck
Multi-Chemistry Battery Charger
Demonstration circuit 2374A is a multi-chemistry battery
charger with maximum power point tracking (MPPT)
featuring the LTC®4013. The LTC4013 has 2 stage CC/CV
charge cycles, 3 stage and 4 stage lead acid and Li-Ion
battery algorithms.
The DC2374A is set up to operate from a 21.5V to 35V
supply or from a solar panel and charges a six cell lead
acid battery at 5A. There are optional input and output
capacitors plus large inductor pads and parallel top and
bottom FET pads to allow high power charging.
The LTC4013 is a 60V controller which makes it suitable
for large battery stacks with up to a 60V supply or solar
panelinput.AnMPPTburstmodefeatureallowsthedevice
to efficiently charge in low light levels. Since the LTC4013
is a controller, the power train can be sized from 1A to
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
PERFORMANCE SUMMARY
over 10A of charge current. The LTC4013 also has an NTC
temperature compensated float voltage to help increase
the battery life.
The operating frequency, charge voltage, low battery (LB)
voltage setting and timing are configurable with external
resistorsandacapacitor.Thedifferentchargingalgorithms
are set by two tri-state mode pins and the TIMER pin as
shown in Table 1.
Refer to the LTC4013 data sheet for more details on the
electrical and timing specifications.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2374A
Specifications are at TA = 25°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Range
ENABLE (JP1) = UVLO
ENABLE (JP1) = ON, MPPT (JP2) = ON
21.5
5
24
35
35
V
V
Battery Float Voltage (VFLOAT)
MODE1 (JP4) = HI, MODE2 (JP3) = LO
MODE1 (JP4) = MID, MODE2 (JP3) = LO
MODE1 (JP4) = HI, MODE2 (JP3) = MID
MODE1 (JP4) = MID, MODE2 (JP3) = MID
13.6
13.2
14.2
14.4
V
V
V
V
Battery Absorption Voltage (VABS)
MODE1 (JP4) = HI, MODE2 (JP3) = LO
MODE1 (JP4) = MID, MODE2 (JP3) = LO
14.2
14.4
V
V
Battery Equalization Voltage (VEQ)
MODE1 (JP4) = HI, MODE2 (JP3) = HI, TIMER (JP6) = CAP
MODE1 (JP4) = MID, MODE2 (JP3) = HI, TIMER (JP6) = CAP
16
15.6
V
V
Recharge Voltage (VRECHRG)
MODE1 (JP4) = HI, MODE2 (JP3) = MID
MODE1 (JP4) = MID, MODE2 (JP3) = MID
13.77
13.77
V
V
Low Battery (VLB)
10.4
V
MPPT Maximum Power Voltage (VPM) to Open
Circuit Voltage (VOC) Ratio
MPPT (JP2) = ON
83.3
%
FBOC to DCIN Attenuation Ratio
MPPT (JP2) = ON
6.9
%


Similar Part No. - LTC4013EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4013 LINER-LTC4013 Datasheet
1Mb / 38P
60V Synchronous Buck Multi-Chemistry Battery Charger
More results

Similar Description - LTC4013EUFD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
Host-controlled Multi-chemistry Battery Charger
logo
Linear Technology
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4020 LINER-LTC4020_15 Datasheet
358Kb / 42P
55V Buck-Boost Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
Host-Controlled Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4020EUHF LINER-LTC4020EUHF Datasheet
370Kb / 8P
High Power Buck-Boost Multi-Chemistry Battery Charger
LTC4020 LINER-LTC4020 Datasheet
420Kb / 42P
55V Buck-Boost Multi-Chemistry Battery Charger
LTC4013 LINER-LTC4013 Datasheet
1Mb / 38P
60V Synchronous Buck Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com