Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4013EUFD Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4013EUFD
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013EUFD Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4013EUFD Datasheet HTML 6Page - Linear Technology LTC4013EUFD Datasheet HTML 7Page - Linear Technology LTC4013EUFD Datasheet HTML 8Page - Linear Technology LTC4013EUFD Datasheet HTML 9Page - Linear Technology LTC4013EUFD Datasheet HTML 10Page - Linear Technology LTC4013EUFD Datasheet HTML 11Page - Linear Technology LTC4013EUFD Datasheet HTML 12Page - Linear Technology LTC4013EUFD Datasheet HTML 13Page - Linear Technology LTC4013EUFD Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
dc2374afa
DEMO MANUAL DC2374A
APPLICATION INFORMATION
Changing Board Configuration
This board is optimized for a 24V to 14V lead acid bat-
tery with 5A charge current, however it can be modified
for other charging topologies, different charge currents,
plus different DCIN and battery voltages. The DC2374A
can also accommodate higher power outputs. There are
optional capacitors, inductor, FETs, and a catch diode on
the bottom of the board that can be used for larger com-
ponents if needed. The layout was designed with ample
copperandviastoprovideenoughthermalrelieffor300W.
Refer to the data sheet for the sizing of all of the required
components and changes as needed.
No Battery Operation
The LTC4013 will operate without a battery, however there
needs to be at least 2V on the SENSE pin to startup. This
can be a problem for batteries with a pack protect that
opens when the battery is too low. One way to get around
this is to add a series diode and resistor from INTVCC to
the BAT pin to provide a weak pullup on the SENSE pin
when no battery is present. VFLOAT must be greater than
INTVCC for this method. Refer to the Starting Without
a Battery section of the LTC4013 data sheet for more
information on this.
Connecting a High Voltage Battery
When connecting a battery to the DC2374A demo board,
the battery will instantaneously charge the bulk capaci-
tors on the BAT and the VIN nodes. Since the battery and
capacitors have very low ESR, the instantaneous current
can be 10’s or 100’s of amps when the battery is first
connected and can damage the components in its path.
It is recommended to pre-charge the BAT terminals of the
DC2374A prior to connecting a low ESR battery. This can
be done by connecting the battery thru a current limiting
resistor first, then short across the resistor. Refer to the
Plugging in a Battery section of the LTC4013 data sheet
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com