Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4013EUFD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4013EUFD
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013EUFD Datasheet(HTML) 3 Page - Linear Technology

  LTC4013EUFD Datasheet HTML 1Page - Linear Technology LTC4013EUFD Datasheet HTML 2Page - Linear Technology LTC4013EUFD Datasheet HTML 3Page - Linear Technology LTC4013EUFD Datasheet HTML 4Page - Linear Technology LTC4013EUFD Datasheet HTML 5Page - Linear Technology LTC4013EUFD Datasheet HTML 6Page - Linear Technology LTC4013EUFD Datasheet HTML 7Page - Linear Technology LTC4013EUFD Datasheet HTML 8Page - Linear Technology LTC4013EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
dc2374afa
DEMO MANUAL DC2374A
TYPICAL APPLICATION
24V 5A 6 Cell Lead Acid Charger with Absorption and Equalization Charging
Efficiency and Power Loss
vs Charge Current
VIN = 24V
VBAT = 13.8V
EFFICIENCY
POWER LOSS
CHARGE CURRENT (A)
0
1
2
3
4
5
87
88
89
90
91
92
93
94
95
96
97
0
0.5
1.0
1.5
2.0
2.5
4013 TA01a
INTVCC
24V
INTVCC
INTVCC
BAT
DCIN
D1
B0540W
DCIN
ENAB
INTVCC
SYNC
SGND
SENSE
BAT
ITH
RT
CLKOUT
PGND
FB
TG
SW
BST
BG
VIN
FBOC
MPPT
INFET
LB
NTC
MODE1
MODE2
VIN_S
STAT1
STAT0
TMR
ISMON
LTC4013
BATTERY
4013 TA05
M1
M2
M3
M4
C1
4.7µF
C29
4.7nF
R22
23.2k
R24
86.6k
R23
86.6k
C31
0.22µF
RSENSE
10m
RFB2
499k
RFB1
100k
C16-18
22µF×3
C23
220µF
C19
0.1µF
C13
4.7µF
L1
6.8µH
R17
7.5k
D3
GREEN
R18
7.5k
D2
RED
R1
665k
R3
40.2k
C3
0.1µF
C15
0.15µF
C9
68µF
C2/10
10µF×2
M1, M2, M3, M4 VISHAY SiS434DN
L1 WURTH 7443340680
C1 4.7µF 50V
C2, C10 10µF, 50V
C16-C18 22µF 25V
C23 220µF 25V
C9 PANASONIC 68µF 50V EEHZA1H680P
4 STAGE CHARGING WITH
13.6V FLOAT, 14.2V ABSORPTION
AND 15.0V EQUALIZATION
3.3 HR TIMEOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com