Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4013EUFD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4013EUFD
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013EUFD Datasheet(HTML) 4 Page - Linear Technology

  LTC4013EUFD Datasheet HTML 1Page - Linear Technology LTC4013EUFD Datasheet HTML 2Page - Linear Technology LTC4013EUFD Datasheet HTML 3Page - Linear Technology LTC4013EUFD Datasheet HTML 4Page - Linear Technology LTC4013EUFD Datasheet HTML 5Page - Linear Technology LTC4013EUFD Datasheet HTML 6Page - Linear Technology LTC4013EUFD Datasheet HTML 7Page - Linear Technology LTC4013EUFD Datasheet HTML 8Page - Linear Technology LTC4013EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
dc2374afa
DEMO MANUAL DC2374A
24V SUPPLY QUICK START PROCEDURE
The DC2374A is easy to set up to evaluate the performance
of the LTC4013. Refer to Figure 1 and Figure 2 for proper
measurement equipment setup.
NOTE: When measuring the input or output voltage ripple,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the input or output voltage
ripple by touching the probe tip directly across the VIN or
VOUT and GND terminals. See Figure 2 for proper scope
probe technique.
1. Set the DC2374A to operate in a three stage lead acid
battery charging mode by positioning the jumpers as
listed below:
JP1
ENABLE - UVLO
JP2
MPPT - OFF
JP3
MODE2 – LO
JP4
MODE1 – HI
JP5
NTC – INT
JP6
TIMER – CAP
JP7
PULL_UP PWR - DCIN
2. With power off, connect a 0V to 16V, 6A power supply
(PS2) to BAT and GND terminals with a series ammeter
and a voltmeter as shown in Figure 1.
3. With power off, connect a 5.1A load (LOAD1) to BAT
and GND terminals in parallel with PS2 as shown in
Figure 1.
4. Set PS2 to 10V and turn on PS2 and LOAD1.
5. With power off, connect a 0V to 35V, 5A power supply
(PS1) to DCIN and GND terminals with a series am-
meter and a voltmeter as shown in Figure 1.
CHARGING OPTIONS
Table 1. LTC4013 Charging Algorithm Selection
MODE1
MODE2
TIMER
Charging Mode
VFLOAT (V)
VABS (V)
VEQ (V)
Recharge
TERMINATION
EQ Timeout
L
L
0V
2 Stage
13.6
-
-
-
None
None
L
L
CAP
2 Stage
13.6
-
-
-
3.33hrs
None
L
M
0V
2 Stage
14
-
-
-
None
None
L
M
CAP
2 Stage
14
-
-
-
3.33hrs
None
L
H
0V
N/A, Do Not Use
-
-
-
-
-
-
L
H
CAP
4 Stage
13.6
14.2
15
-
3.33hrs
50min
M
L
0V
3 Stage
13.2
14.4
-
-
C/10 (~14.1V)
None
M
L
CAP
3 Stage
13.2
14.4
-
-
3.33hrs
None
M
M
0V
Li-Ion
14.4
-
-
95.8%
(13.77V)
C/10 (~14.3V)
None
M
M
CAP
Li-Ion
14.4
-
-
95.8%
(13.77V)
3.33hrs
None
M
H
0V
N/A, Do Not Use
-
-
-
-
-
-
M
H
CAP
4 Stage
13.2
14.4
15.6
-
3.33hrs
25min
H
L
0V
3 Stage
13.6
14.2
-
-
C/10 (~14.1V)
None
H
L
CAP
3 Stage
13.6
14.2
-
-
3.33hrs
None
H
M
0V
Li-Ion
14.2
-
-
97.1
(13.77V)
C/10 (~14.1V)
None
H
M
CAP
Li-Ion
14.2
-
-
97.1
(13.77V)
3.33hrs
None
H
H
0V
N/A, Do Not Use
-
-
-
-
-
-
H
H
CAP
4 Stage
13.6
14.2
15
-
3.33hrs
25min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com