Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4013EUFD Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4013EUFD
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013EUFD Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4013EUFD Datasheet HTML 6Page - Linear Technology LTC4013EUFD Datasheet HTML 7Page - Linear Technology LTC4013EUFD Datasheet HTML 8Page - Linear Technology LTC4013EUFD Datasheet HTML 9Page - Linear Technology LTC4013EUFD Datasheet HTML 10Page - Linear Technology LTC4013EUFD Datasheet HTML 11Page - Linear Technology LTC4013EUFD Datasheet HTML 12Page - Linear Technology LTC4013EUFD Datasheet HTML 13Page - Linear Technology LTC4013EUFD Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
dc2374afa
DEMO MANUAL DC2374A
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Additional Demo Board Circuit Components
27
0
C6-C9, C22, C23 (OPT)
CAP, CHIP, 1210
28
0
C10-C12 (OPT)
CAP, 10mm
× 10.2mm
29
0
C15, C27, C30, C33 (OPT)
CAP, CHIP, 0402
30
1
C16
CAP, CHIP, COG, 33pF,±5%, 50V, 0603
MURATA, GRM1885C2A330JA01
31
0
C25 (OPT)
CAP, 8mm
× 10.2mm
32
1
C26
CAP, CHIP, COG, 100pF, ±5%, 50V, 0402
WURTH ELEK, 885012005061
33
1
C29
CAP, CHIP, COG, 220pF, ±5%, 50V, 0402
WURTH ELEK, 885012005063
34
0
D2 (OPT)
DIODE, SCHOTTKY, POWERDI 123
35
1
D3
DIODE, GREEN, 0603
LITE-ON, LTST-C190KGKT
36
1
D4
DIODE, LED, RED, 0603
LUMEX, SML-LX0603SRW-TR
37
0
L2 (OPT)
IND, SMT, WE-HCI 1365
WURTH, WE-HCI 1365
38
0
M5, M6 (OPT)
MOSFET, N-CH, POWERPACK 1212-8
39
2
R1, R12
RES, CHIP, 20Ω, ±1%, 1/16W, 0402
VISHAY, CRCW040220R0FKED
40
5
R4, R6, R9, R11, R15
RES, CHIP, 0Ω JUMPER, 1/16W, 0402
VISHAY, CRCW04020000Z0ED
41
3
R13, R20, R26
RES, CHIP, 100KΩ, ±5%, 1/16W, 0402
VISHAY, CRCW0402100KJNED
42
0
R14 (OPT)
RES, CHIP, 0402
Hardware: For Demo Board Only
43
4
E1, E4, E5, E8
TURRET, 0.09 DIA
MILL-MAX, 2501-2-00-80-00-00-07-0
44
4
E2, E3, E6, E7
BANANA JACK, NON-INSULATED
KEYSTONE, 575-4
45
10
E9 - E18
TURRET, 0.061 DIA
MILL-MAX, 2308-2-00-80-00-00-07-0
46
3
JP1, JP3, JP4
HEADER, 4PINS, 2mm
WURTH, 62000411121
47
4
JP2, JP5-JP7
HEADER, 3PINS, 2mm
WURTH, 62000311121
48
7
JP1-JP7 (SHUNT)
SHUNT 2mm 1
× 3
WURTH, 60800213421
49
4
MH1-MH4
STANDOFF, NYLON 0.5"
KEYSTONE, 8833 (SNAP ON)
50
1
FAB,PRINTED CIRCUIT BOARD
DEMO CIRCUIT 2374A-3
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com