Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4013EUFD Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4013EUFD
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013EUFD Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4013EUFD Datasheet HTML 6Page - Linear Technology LTC4013EUFD Datasheet HTML 7Page - Linear Technology LTC4013EUFD Datasheet HTML 8Page - Linear Technology LTC4013EUFD Datasheet HTML 9Page - Linear Technology LTC4013EUFD Datasheet HTML 10Page - Linear Technology LTC4013EUFD Datasheet HTML 11Page - Linear Technology LTC4013EUFD Datasheet HTML 12Page - Linear Technology LTC4013EUFD Datasheet HTML 13Page - Linear Technology LTC4013EUFD Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
dc2374afa
DEMO MANUAL DC2374A
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
C1
CAP, CHIP, X5R, 4.7µF, ±10%, 50V, 0805
TDK, C2012X5R1H475K
2
2
C2, C13
CAP, CHIP, X7R, 0.1µF, ±10%, 50V, 0603
MURATA GRM188R71H104KA93D
3
2
C3, C4
CAP, CHIP, X5R, 10µF, ±10%, 50V, 1210
MURATA, GRM32ER61H106KA12
4
1
C5
CAP, 68µF, 50V, Alum. Electro, 20%, 8mm
× 10.2mm PANASONIC, EEHZA1H680P
5
1
C14
CAP, CHIP, X5R, 4.7µF, ±10%, 6.3V, 0603
TDK, C1608X5R0J475K
6
1
C17
CAP, CHIP, X5R, 0.15µF, ±10%, 10V, 0402
MURATA, GRM155R61A154KE19J
7
3
C18-C20
CAP, CHIP, X5R, 22µF, ±10%, 25V, 1210
AVX, 12103D226KAT1A
8
1
C21
CAP, CHIP, X5R, 0.1µF, ±10%, 25V, 0402
TDK, C1005X5R1E104K050BC
9
1
C24
CAP, 220µF, 25V, Alum. Electro, 20%,
8mm
× 10.2mm
PANASONIC, EEHZC1E221P
10
2
C28, C31
CAP, CHIP, X7R, 4.7nF, ±10%, 25V, 0402
MURATA GRM155R71E472KA01D
11
1
C32
CAP, CHIP, X5R, 0.22µF, ±10%, 25V, 0402
MURATA GRM155R61E224KE01D
12
1
D1
DIODE SWITCH, 40V, 500mA, SOD-123
DIODES INC, B0540W-7-F
13
1
L1
IND, SMT, 6.8µH, ±20%
WURTH, 74439358068
14
2
M1, M2
MOSFET, N-CH 40V, 22A, 3.3
× 3.3 MLP
INFINEON, BSZ025N04LS
15
2
M3, M4
MOSFET, N-CH 40V, 35A, POWERPACK 1212-8
VISHAY SILICONIX, SiS434DN
16
2
R2, R3
RES, CHIP, 665kΩ, ±1%, 0.1W, 0402
VISHAY, CRCW0402665KFKED
17
1
R5
RES, CHIP, 40.2KΩ, ±1%, 0.1W, 0402
VISHAY, CRCW040240K2FKED
18
1
R7
RES, CHIP, 10mΩ, ±1%, 1W, 1632 LONG SIDE
TERM
SUSUMU, PRL1632-R010-F-T1
19
1
R8
RES, CHIP, 10KΩ, ±1%, 1/16W, 0402
VISHAY, CRCW040210K0FKED
20
1
R10
RES, CHIP, 49.9KΩ, ±1%, 1/16W, 0402
VISHAY, CRCW040249K9FKED
21
1
R16
RES, CHIP, 499KΩ, ±1%, 1/16W, 0402
VISHAY, CRCW0402499KFKED
22
2
R17, R18
RES, CHIP, 7.5KΩ, ±5%, 1/4W, 1206
VISHAY, CRCW12067K50JNED
23
3
R19, R21, R25
RES, CHIP, 100KΩ, ±1%, 1/16W, 0402
VISHAY, CRCW0402100KFKED
24
1
R22
RES, CHIP, 23.2kΩ, ±1%, 1/16W, 0402
VISHAY, CRCW040223K2FKED
25
2
R23, R24
RES, CHIP, 86.6KΩ, ±1%, 1/16W, 0402
VISHAY, CRCW040286K6FKED
26
1
U1
60V SYNC. BUCK MULTI-CHEMISTRY BATTERY
CHARGER
LINEAR TECH., LTC4013EUFD#PBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com