Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3332 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3332
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3332 Datasheet HTML 12Page - Monolithic Power Systems MP3332 Datasheet HTML 13Page - Monolithic Power Systems MP3332 Datasheet HTML 14Page - Monolithic Power Systems MP3332 Datasheet HTML 15Page - Monolithic Power Systems MP3332 Datasheet HTML 16Page - Monolithic Power Systems MP3332 Datasheet HTML 17Page - Monolithic Power Systems MP3332 Datasheet HTML 18Page - Monolithic Power Systems MP3332 Datasheet HTML 19Page - Monolithic Power Systems MP3332 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
MP3332
– DUAL-CHANNEL FLASH LED DRIVER WITH I2C INTERFACE
MP3332 Rev. 1.0
www.MonolithicPower.com
16
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Current Reduction
When the MP3332 works in flash mode, the
output current may drop due to the following
conditions:
1. TX is High
TX is used to synchronize the RF transmission
signal (see Figure 14). If TX goes high during
flash mode, the flash current drops to the
current set by I_TX in less than 5µs and sets
the FT_TX bit to 1. If TX goes low, the current
ramps up to the flash current again.
MP3332 Software and Edge Sensitive
Flash Mode w/ TX is Active:
ILED1
ILED2
I2C
REG 0x01,
STR_MOD=0
LED_MOD=11
REG 0x06/7,
I1_FL=XXXX
I2_FL=XXXX
REG 0x08/9,
I1_TX=XXXX
I2_TX=XXXX
REG 0x03,
FL_TIM=XXXX
REG 0x01,
LED1_EN=1
LED2_EN=1
Reset,
LED1_EN to 0
LED2_EN to 0
LED_MOD to 00
FL_TIMER
TX
Figure 14: TX High
2. Input DC Current Limit is Triggered
The MP3332 uses the input DC current limit
protection to avoid drawing excessive current
from the battery. Since the input current limit is
sensed in the NMOS switch, it is effective only
in
boost
mode.
This
current
can
be
programmed by the IL_DC register from 1A to
4.2A. If the input current hits the input current
limit threshold, the LED output current holds
until the input current limit drops below the
current limit threshold. The fault bit FT_IDC is
set to 1 if the input current limit is triggered. The
fault bit remains until it is read back, or the input
power is reset.
3. Low
Battery
Voltage
Threshold
is
Triggered
The
device
provides
low
battery
voltage
protection in flash mode in the following ways:
1. Before the flash, if VBL_SD = 1 and the
input voltage is lower than the threshold
set by VBL_RUN, the device remains
disabled
and
sets
the
fault
bit
FT_VBATL
to
1
(see
Figure
15).
Conversely, if VBL_SD = 0, the device
ramps up to the current set by I_TX and
sets the fault bit FT_VBATL to 1. The
fault bit is cleared after it is read back or
the input power is reset.
2. During the flash pulse, if the battery
voltage drops below the threshold set by
VBL_RUN, the current reduces step-by-
step until the battery voltage reaches
the low battery voltage threshold. The
minimum current caused by current
reduction in the IFL_MIN register can be
read back after the flash. The IFL_MIN
value holds until the next flash occurs,
or the power resets. At this condition,
IFL_MIN can be read and used by
system to set the flash current to ensure
a stable flash current for next flash
operation, which is MP3332 pre-flash
function at low battery voltage.
MP3332 Software and Edge Sensitive
Flash Mode w/ TX is Active:
IFLASH
VBAT
IFLASH Setting value
Voltage drop due
to ESR and Flash
Voltage drop due
to additional load
Report min. IFLASH
Pre-Flash
Adjust IFLASH
VIN_L_RUN
Main-Flash
Figure 15:
Pre-Flash Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com