Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3332 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP3332
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP3332 Datasheet HTML 15Page - Monolithic Power Systems MP3332 Datasheet HTML 16Page - Monolithic Power Systems MP3332 Datasheet HTML 17Page - Monolithic Power Systems MP3332 Datasheet HTML 18Page - Monolithic Power Systems MP3332 Datasheet HTML 19Page - Monolithic Power Systems MP3332 Datasheet HTML 20Page - Monolithic Power Systems MP3332 Datasheet HTML 21Page - Monolithic Power Systems MP3332 Datasheet HTML 22Page - Monolithic Power Systems MP3332 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
MP3332
– DUAL-CHANNEL FLASH LED DRIVER WITH I2C INTERFACE
MP3332 Rev. 1.0
www.MonolithicPower.com
19
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Table 2: Chip ID Register
Addr: 0x00
Bit
Bit Name
Access
Default
Description
2:0
REV_ID
R
001
Revision ID
7:3
DEV_ID
R
00011
Device ID
Table 3: Mode Setting Register
Addr: 0x01
Bit
Bit Name
Access
Default
Description
7
STR_LV
RW
1
Flash mode trigger mode with strobe signal.
0 = edge trigger
1 = level trigger
6
STR_MOD
RW
1
Strobe enable bit.
0 = software enable
1 = hardware enable
5
STR_POL
RW
1
Strobe signal input active polarity.
0 = active low
1 = active high
4
LED1_EN
RW
0
LED1 current source enable bit.
0 = LED current source disable bit
1 = enable
3
LED2_EN
RW
0
LED2 current source enable bit.
0 = LED current source disable bit
1 = enable
2:1
LED_MOD
RW
00
Device mode setting bits.
00 = torch mode
01 = indicator mode
10 = assist light mode
11 = flash mode
0
5V_MOD
RW
0
5V DC output enable bit.
0 = disable
1 = enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com