Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3332 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3332
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3332 Datasheet HTML 1Page - Monolithic Power Systems MP3332 Datasheet HTML 2Page - Monolithic Power Systems MP3332 Datasheet HTML 3Page - Monolithic Power Systems MP3332 Datasheet HTML 4Page - Monolithic Power Systems MP3332 Datasheet HTML 5Page - Monolithic Power Systems MP3332 Datasheet HTML 6Page - Monolithic Power Systems MP3332 Datasheet HTML 7Page - Monolithic Power Systems MP3332 Datasheet HTML 8Page - Monolithic Power Systems MP3332 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MP3332
Dual-Channel Flash LED Driver,
1.5A/Ch with I2C Interface
MP3332 Rev. 1.0
www.MonolithicPower.com
1
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP3332 is a dual-channel, flash LED driver
for high-resolution camera phones. It comes in a
very compact package and is highly efficient at
improving image and video quality in low-light
environments. The synchronous boost converter
operates
at
1/2/3/4MHz
to
provide
higher
efficiency and an optimized solution for smaller
PCB spaces.
The MP3332 features a standard I2C interface,
dual LED channels, high-power density, and
multiple
protection
features.
The
MP3332
supports flash, assist, torch, indicator, and 5V
DC modes.
To improve thermal performance, the cathodes of
the dual flash LED are referenced to GND for a
better layout. It is available in a WLCSP-16
(1.7mmx1.7mm) package.
FEATURES
 2.7V~5.5V Input Voltage
 Dual-Channel, 1.5A/Ch Flash Current with
+/-7% Accuracy
 1/2/3/4MHz Selectable Switching Frequency
and Switching Frequency Foldback
Function
 400kHz I2C Compatible Interface
 Standby/Flash/Assist/Torch/Indicator/5V DC
Modes
Flash Mode:
 Up to 1.5A/Ch Programmable Current with
+/-7% Accuracy for Each LED
Assist/Torch Mode:
 Up to 500mA/Ch Programmable Current
with +/-7% Accuracy for Each LED
Indicator Mode:
 Works in 31.5kHz PWM Operation with 2/16,
3/16, 4/16, 5/16 Duty Cycle
 128ms/256ms/512ms Selectable Blinking
Time
5V DC Mode:
 Constant 5V DC Output
 External Torch/Strobe
 LED Forward-Voltage Balance to Improve
Efficiency
 1A to 4.2A Programmable Input DC
Current-Limit Protection
 Low-Battery Voltage Protection
 LED Short/Open Protection
 VOUT-GND Short Protection
 Over-Voltage Protection (OVP)
 Over-Temperature Protection (OTP)
 NTC Detection and Protection
 Input Under-Voltage Lockout (UVLO)
Protection
 Available in a WLCSP-16 (1.7mmx1.7mm)
Package
APPLICATIONS
 LED Flash for Smart Phones
 Cameras for Tablet
 Digital Still Camera
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP3332

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3332GC MPS-MP3332GC Datasheet
664Kb / 7P
Dual channel, 1.5A/Ch Flash LED Driver With I2C Interface Evaluation Board
More results

Similar Description - MP3332

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Analog Devices
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Monolithic Power System...
MP3336 MPS-MP3336 Datasheet
748Kb / 27P
Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
EV3332-C-00A MPS-EV3332-C-00A Datasheet
664Kb / 7P
Dual channel, 1.5A/Ch Flash LED Driver With I2C Interface Evaluation Board
EV3336-C-00A MPS-EV3336-C-00A Datasheet
330Kb / 7P
Dual-Channel Flash LED Driver With 2A/Ch and I2C Interface Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com