Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3332 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP3332
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP3332 Datasheet HTML 17Page - Monolithic Power Systems MP3332 Datasheet HTML 18Page - Monolithic Power Systems MP3332 Datasheet HTML 19Page - Monolithic Power Systems MP3332 Datasheet HTML 20Page - Monolithic Power Systems MP3332 Datasheet HTML 21Page - Monolithic Power Systems MP3332 Datasheet HTML 22Page - Monolithic Power Systems MP3332 Datasheet HTML 23Page - Monolithic Power Systems MP3332 Datasheet HTML 24Page - Monolithic Power Systems MP3332 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
MP3332
– DUAL-CHANNEL FLASH LED DRIVER WITH I2C INTERFACE
MP3332 Rev. 1.0
www.MonolithicPower.com
21
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Table 6: Low Battery Voltage Setting Register
Addr: 0x04
Bit
Bit Name
Access
Default
Description
7:5
VBL_RUN
RW
111
Low battery voltage setting bits. If VIN drops below this
voltage during start-up, the current ramping stops. If the
current is decreased during the flash current pulse until
VIN is higher than its threshold, it works only in flash
mode.
000 = 3V; 001 = 3.1V; 110 = 3.6V; 111 = disabled; 0.1V
per step
4
VBL_SD
RW
1
Action in low battery protection and flash mode.
1 = device disabled when VIN is less than the threshold
set by VBL_RUN before flash
0 = enable and current ramps up to current set by I_TX
3:0
IL_DC
RW
0100
Input DC current limit setting bits. 1A to 4.2A.
1A to 3A: 250mA/step, 0000 = 1A; 1000 = 3A;
>3A: 300mA/step, 1001 = 3.3A, 1100 = 4.2A
Table 7: Indicator Register
Addr: 0x05
Bit
Bit Name
Access
Default
Description
7
LED_OTAD
RW
0
Adaptive thermal flash current control bit.
1 = current reduces to the current set by I_TX when Tj >
130°C
0 = disable
6:4
TUP_I
RW
001
Current ramps up time per step.
000 = 8µs; 001 = 7µs, 111 = 1µs/step
3:2
VTH_PAS
RW
01
These two bits define the threshold when Fsw drops to
1MHz or switches to pass mode from boost mode.
00 = 300mV, 01 = 450mV, 10 = 600mV, 11 = 750mV
1:0
INDI_PWM
RW
00
PWM duty cycle of 31.5kHz in indicator mode.
00 = 2/16; 01 = 3/16; 10 = 4/16; 11 = 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com