Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3332 Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP3332
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332 Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP3332 Datasheet HTML 19Page - Monolithic Power Systems MP3332 Datasheet HTML 20Page - Monolithic Power Systems MP3332 Datasheet HTML 21Page - Monolithic Power Systems MP3332 Datasheet HTML 22Page - Monolithic Power Systems MP3332 Datasheet HTML 23Page - Monolithic Power Systems MP3332 Datasheet HTML 24Page - Monolithic Power Systems MP3332 Datasheet HTML 25Page - Monolithic Power Systems MP3332 Datasheet HTML 26Page - Monolithic Power Systems MP3332 Datasheet HTML 27Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
MP3332
– DUAL-CHANNEL FLASH LED DRIVER WITH I2C INTERFACE
MP3332 Rev. 1.0
www.MonolithicPower.com
25
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
the
high-frequency
switching
current
from
passing through to the input. Ceramic capacitors
with X5R or X7R dielectrics are recommended
because of their low ESR and small temperature
coefficients. A capacitor with a higher value is
recommended to reduce input voltage ripple and
noise. For most applications, a 10
μF ceramic
capacitor is sufficient.
Selecting the Inductor
The converter requires an inductor to supply a
higher output voltage while being driven by the
input voltage. A larger value inductor generates
less ripple current, resulting in a lower peak
inductor current and less stress on the internal N-
channel MOSFET. However, the larger value
inductor has a larger physical size, a higher
series resistance, and a lower saturation current.
Choose an inductor that does not saturate under
the
worst-case
load
conditions.
Select
the
minimum inductor value to ensure that the boost
converter works in continuous conduction mode
(CCM) with high efficiency and good EMI
performance.
The required inductance value can be calculated
with Equation (1) and Equation (2):
2
OUT
SW
LOAD
η V
D (1 D)
L
2
f
I
 

(1)
OUT
IN
V
V
1
D
(2)
Where VIN and VOUT are the input and output
voltages, fSW is the switching frequency, ILOAD is
the LED load current, and η is the efficiency.
The switching current is used for the peak current
mode control. To avoid hitting the current limit,
the worst-case inductor peak current should be
less than 80% of the current limit (ILIM). For most
applications, a 0.47µH~2µH inductor is sufficient.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance must be low at
the switching frequency. Ceramic capacitors with
X7R dielectrics are recommended because of
their low ESR characteristics. Care must be
taken to ensure that the ceramic capacitance is
dependent on the voltage rating since the DC
bias voltage and the value can lose as much as
50% of its capacitance at its rated voltage rating.
Please leave enough of a voltage rating margin
when selecting the component, as a capacitance
that is too low causes loop instability. For most
applications,
a
10
μF ceramic capacitor is
sufficient.
PCB Layout Guidelines
Efficient PCB layout is critical for stable operation.
For best results, refer to Figure 17 and follow the
guidelines below.
1. Place the input capacitor as close to VIN as
possible.
2. Use wider copper traces for the input, output,
and GND connecting wire to improve thermal
performance.
3. Place the GND via as close to the output and
input
capacitor
as
possible
to
improve
thermal performance.
LED1 OUT
SW
LED2 OUT
SW
TOR
TX
STR
PGND
PNGD
VSS
NTC
SDA
SCL
VIN
IN
OUT
GND
LED1
LED2
Figure 17: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com