Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3332 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3332
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3332 Datasheet HTML 9Page - Monolithic Power Systems MP3332 Datasheet HTML 10Page - Monolithic Power Systems MP3332 Datasheet HTML 11Page - Monolithic Power Systems MP3332 Datasheet HTML 12Page - Monolithic Power Systems MP3332 Datasheet HTML 13Page - Monolithic Power Systems MP3332 Datasheet HTML 14Page - Monolithic Power Systems MP3332 Datasheet HTML 15Page - Monolithic Power Systems MP3332 Datasheet HTML 16Page - Monolithic Power Systems MP3332 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
MP3332
– DUAL-CHANNEL FLASH LED DRIVER WITH I2C INTERFACE
MP3332 Rev. 1.0
www.MonolithicPower.com
13
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Assist Mode
The device enters assist mode by setting
LED_MOD to 10 and the LED1/2_EN bits to 1
(see Figure 3). The LED1 and LED2 current
sources are controlled by the LED1_EN and
LED2_EN bits respectively. The ramp-up slew
rate can be set by register TUP_I. The currents
can be disabled by switching to standby mode
or by setting the LED1_EN and LED2_EN bits
to 0.
MP3332 Assist Mode:
ILED1
ILED2
I2C
REG 0x0C/0D,
I1_TOR=XXXX
2I_TOR=XXXX
REG 0x01,
LED_MOD=10
REG 0x01,
LED1_EN=1
LED2_EN=1
Set REG 0x01,
LED1_EN to 0
LED2_EN to 0
Or Set
LED_MOD=00
Figure 3: Assist Mode
Indicator Mode
The device enters indicator mode for a lower
current output when LED_MOD is set to 01,
and LED1/2 is set to 1 (see Figure 4). In
indicator mode, the driver outputs a current in
31.5kHz PWM dimming mode. The current
amplitude is set by I1_TOR and I2_TOR, and
the duty cycle is set by the INDI_PWM register.
Set the LED1/2_EN bits to 0, or switch to
standby mode to disable indicator mode. The
LED1 and LED2 current sources are controlled
by
the
LED1_EN
and
LED2_EN
bits
respectively.
MP3332 Indicator Mode:
ILED1
ILED2
I2C
REG 0x0C/D,
I1_TOR=XXXX
I2_TOR=XXXX
REG 0x01,
LED_MOD=01
REG 0x05,
INDI_PWM=xx
REG 0x01,
LED1_EN=1
LED2_EN=1
Set REG 0x01,
LED1_EN to 0
LED2_EN to 0
Or Set
LED_MOD=00
Figure 4: Indicator Mode
If blinking function is enabled, LED1/2 turn on
for the blinking time and then turn off for the
same blinking time period. The cycle repeats
continuously in indicator mode (see Figure 5).
The blinking time is set by the TBK0/1 bits in
register 0FH.
TBlink
TBlink
LED1/2
Figure 5: Blinking Function
Flash Mode
The device can work in flash mode in the
following ways:
1. Hardware and Level Trigger Mode
In this mode, STR_MOD = 1, STR_LV = 1,
LED1/2_EN = 1, and LED_MOD = 11. The flash
current starts ramping up after STR goes high.
The currents are set by I_FL_1 and I_FL_2, and
the ramp-up time is set by TUP_I. The flash
current ends when STR is pulled low. After the
flash, LED_MOD is reset to standby mode, and
LED1/2_EN is reset to 0 if LED_SD = 0. If
LED_SD = 1, LED_MOD and LED1/2_EN are
not reset. The LED1 and LED2 current sources
are controlled by the LED1_EN and LED2_EN
bits respectively. If the flash timer set by the
register bit FL_TIM ends before STR goes low,
the
flash
current
terminates
immediately.
LED_MOD and LED1/2_EN are reset to the
default value if LED_SD is 0 and the time-out
fault bit FT_TO is set to 1 and is not cleared
until it is read back, or the input power is reset
(see Figure 6 and Figure 7).
MP3332 Hardware and Level
Sensitive Flash Mode w/o Timer-Out:
ILED1
ILED2
FL_TIMER
I2C
REG 0x01,
STR_MOD=1
STR_LV=1
LED_MOD=11
REG 0x06/7,
I1_FL=XXXX
I2_FL=XXXX
REG 0x03,
FL_TIM=XXXX
REG 0x01,
LED1_EN=1
LED2_EN=1
STR
Setting Time
Reset,
LED1_EN to 0
LED2_EN to 0
LED_MOD=00
Figure 6: Hardware and Level Trigger Flash
Mode without Timer-Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com