Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3373GY Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3373GY
Description  8 Strings, Step Up WLED Controller with External Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3373GY Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3373GY Datasheet HTML 1Page - Monolithic Power Systems MP3373GY Datasheet HTML 2Page - Monolithic Power Systems MP3373GY Datasheet HTML 3Page - Monolithic Power Systems MP3373GY Datasheet HTML 4Page - Monolithic Power Systems MP3373GY Datasheet HTML 5Page - Monolithic Power Systems MP3373GY Datasheet HTML 6Page - Monolithic Power Systems MP3373GY Datasheet HTML 7Page - Monolithic Power Systems MP3373GY Datasheet HTML 8Page - Monolithic Power Systems MP3373GY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP3373, 8 STRINGS, WLED CONTROLLER WITH EXTERNAL TRANSISTOR
MP3373 Rev. 1.02
www.MonolithicPower.com
4
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
(5)
VIN =12V, VEN = 5V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
9
40
V
Supply Current (Quiescent)
IQ
VIN=12V, VEN=5V, no load
with switching
5
mA
Supply Current (Shutdown)
IST
VEN=0V, VIN=12V
1
μA
LDO Output Voltage
VCC
VEN=5V,11V<VIN<30V,
0<IVCC<10mA
9
10
11
V
Input VCC UVLO Threshold
VIN_UVLO
Rising Edge
7.1
7.8
8.5
V
Input VCC UVLO Hysteresis
200
mV
EN High Voltage
VEN_HIGH
VEN Rising
1.5
V
EN Low Voltage
VEN_LOW
VEN Falling
0.6
V
STEP-UP CONVERTER
Gate Driver Impedance
(Sourcing)
VCC=10V, IGATE=10mA
4
Ω
Gate Driver Impedance
(Sinking)
VCC=10V, IGATE=10mA
2
Ω
GATE Voltage
VGATE
11V<VIN<30V
10
V
ROSC= 100kΩ
135
168
201
kHz
Switching Frequency
fSW
ROSC= 20kΩ
785
kHz
OSC Voltage
VOSC
1.18
1.23
1.28
V
Minimum On Time
TON_MIN
PWM Mode,
no pulse skipping happens
200
ns
Maximum Duty Cycle
DMAX
90
%
ISENSE Limit
Max Duty Cycle
195
255
315
mV
CTLX Regulation Voltage
VCTLX
320
mV
CTLX Maxim Sink Current
ICTLX
10
mA
COMP Source Current Limit
ICOMP_SOLI
70
μA
COMP Sink Current Limit
ICOMP_SILI
8
μA
Analog DIMMING
Minimum Dimming Threshold
VDIM_MIN
0.375
0.4
0.425
V
Maximum Dimming Threshold
VDIM_MAX
1.455
1.5
1.545
V
PWM DIMMING
PWM Signal High Threshold
VPWM_HIGH
1.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com