Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3373GY Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3373GY
Description  8 Strings, Step Up WLED Controller with External Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3373GY Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3373GY Datasheet HTML 1Page - Monolithic Power Systems MP3373GY Datasheet HTML 2Page - Monolithic Power Systems MP3373GY Datasheet HTML 3Page - Monolithic Power Systems MP3373GY Datasheet HTML 4Page - Monolithic Power Systems MP3373GY Datasheet HTML 5Page - Monolithic Power Systems MP3373GY Datasheet HTML 6Page - Monolithic Power Systems MP3373GY Datasheet HTML 7Page - Monolithic Power Systems MP3373GY Datasheet HTML 8Page - Monolithic Power Systems MP3373GY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP3373, 8 STRINGS, WLED CONTROLLER WITH EXTERNAL TRANSISTOR
MP3373 Rev. 1.02
www.MonolithicPower.com
5
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN =12V, VEN = 5V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
PWM Signal Low Threshold
VPWM_LOW
0.3
V
EN/PWMI Low to Shutdown
Delay Time
TSD_PWML
20
ms
LED CURRENT REGULATION
FBX
Regulation
Average
Voltage
VFBX
193
200
207
mV
FBX Regulation Voltage
matching
1.0
1.2
%
Phase Shift
8-string current sink used,
45
°
6-string current sink used
7/8-string disabled.
60
°
Phase Shift Delay Between
Each Two Adjacent String
4-string current sink used
5/6/7/8-string disabled.
90
°
PROTECTION
OVP Over Voltage Threshold
VOVP_OV
Rising Edge
2.43
2.5
2.57
V
OVP Over Voltage Hysteresis
100
mV
OVP UVLO threshold
VOVP_UV
Step-up Converter Fails
80
mV
OVP Over Voltage Latch-Off
Threshold
VOVP_SD
Rising Edge
2.9
3
3.1
V
CTLX UVLO Threshold
VCTLX_UV
170
205
240
mV
FAULT
Flag
Pull
Down
Resistance
RFF
20
Latch Off Current Limit
VLMT_SD
378
430
472
mV
Thermal Shutdown Threshold
TST
150
Thermal Shutdown Hysteresis
25
CTLX Over Voltage Threshold
VCTLX_OV
5.5
6
6.5
V
Notes:
5) Matching is defined as the difference of the maximum to minimum current divided by 2 times average currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com