Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3373GY Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3373GY
Description  8 Strings, Step Up WLED Controller with External Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3373GY Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3373GY Datasheet HTML 5Page - Monolithic Power Systems MP3373GY Datasheet HTML 6Page - Monolithic Power Systems MP3373GY Datasheet HTML 7Page - Monolithic Power Systems MP3373GY Datasheet HTML 8Page - Monolithic Power Systems MP3373GY Datasheet HTML 9Page - Monolithic Power Systems MP3373GY Datasheet HTML 10Page - Monolithic Power Systems MP3373GY Datasheet HTML 11Page - Monolithic Power Systems MP3373GY Datasheet HTML 12Page - Monolithic Power Systems MP3373GY Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MP3373, 8 STRINGS, WLED CONTROLLER WITH EXTERNAL TRANSISTOR
MP3373 Rev. 1.02
www.MonolithicPower.com
9
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VIN
Power Supply Input. Drive VIN with 9V to 40V power source. Must be locally bypassed.
2
VCC
The Internal 10V Linear Regulator Output. VCC provides power supply for the internal
MOSFET switch gate driver and the internal control circuitry. Bypass VCC to GND with a
ceramic capacitor.
3
COMP
Step-up Converter Compensation Pin. This pin is used to compensate the regulation
control loop.
4
OSC
Switching Frequency Set. Connect a resistor between OSC and GND to set the step-up
converter switching frequency.
5
EN/PWM Enable Control and PWM Dimming Signal Input. Do not let this pin floating.
6
DIM
Dimming Input Pin. To use PWM dimming mode, apply an external PWM signal with
amplitude greater than 1.6V on this pin. To use analog dimming mode, apply a DC voltage
range from 0.4V to 1.5V on this pin linearly to set LED current from 0% to 100%.
7
FB1
LED Current Feedback Pin. Detect the channel 1 LED current.
8
CTL1
External Transistor Control Pin. Connect it to the base of external transistor to regulate the
channel 1 LED current.
9
FB2
LED Current Feedback Pin. Detect the channel 2 LED current.
10
CTL2
External Transistor Control Pin. Connect it to the base of external transistor to regulate the
channel 2 LED current.
11
FB3
LED Current Feedback Pin. Detect the channel 3 LED current.
12
CTL3
External Transistor Control Pin. Connect it to the base of external transistor to regulate the
channel 3 LED current.
13
FB4
LED Current Feedback Pin. Detect the channel 4 LED current.
14
CTL4
External Transistor Control Pin. Connect it to the base of external transistor to regulate the
channel 4 LED current.
15
CTL5
External Transistor Control Pin. Connect it to the base of external transistor to regulate the
channel 5 LED current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com