Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3373GY Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3373GY
Description  8 Strings, Step Up WLED Controller with External Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3373GY Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3373GY Datasheet HTML 8Page - Monolithic Power Systems MP3373GY Datasheet HTML 9Page - Monolithic Power Systems MP3373GY Datasheet HTML 10Page - Monolithic Power Systems MP3373GY Datasheet HTML 11Page - Monolithic Power Systems MP3373GY Datasheet HTML 12Page - Monolithic Power Systems MP3373GY Datasheet HTML 13Page - Monolithic Power Systems MP3373GY Datasheet HTML 14Page - Monolithic Power Systems MP3373GY Datasheet HTML 15Page - Monolithic Power Systems MP3373GY Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP3373, 8 STRINGS, WLED CONTROLLER WITH EXTERNAL TRANSISTOR
MP3373 Rev. 1.02
www.MonolithicPower.com
12
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
threshold value. Once the mark-off operation
completes, the remaining LED strings will force
the output voltage back into tight regulation.
The string with the highest voltage drop is the
ruling string during output regulation. The
MP3373 always tries to light at least one string
and if all strings in use are open, the MP3373
shuts down the step-up converter. The part will
maintain mark-off information until the part
shuts down.
Short String Protection
The MP3373 monitors the CTLX pin voltages to
determine if a short string fault has occurred. If
one or more strings are shorted, the respective
CTLX pins tolerate high voltage stress. If the
CTLX pin voltage is higher than short protection
threshold for 4096 switching clocks, the fault
string is marked OFF and disabled. Once a
string is marked OFF, it disconnects from the
closed control loop of feedback. The marked
LED strings shut off completely until the part
restarts. If all strings are shorted together, the
Short String Protection is disabled.
Inductor/Diode short Protection
To prevent the IC and external MOSFET
damage
when
external
inductor/diode
is
shorted, MP3373 provides the protection mode
by detecting the current flowing through power
MOSFET. In this mode, when the current sense
voltage across sensing resistor (connected
between MOSFET and GND) hits VLMT_SD value
and lasts for 4 switching cycles, the IC turns off
and latches.
Thermal Shutdown Protection
To prevent the IC operate at exceedingly high
temperature, thermal shutdown is implemented
in this chip by detecting the silicon die
temperature. The IC shutdowns when the die
temperature exceeds the upper threshold and
recovers
to
normal
operation
when
die
temperature drops below lower threshold.
Typically, the hysteresis value is 25°C
Over Voltage Protection
In some unexpected conditions, if OVP voltage
is greater than 2.5V, the gate driver stops
switching and thus, the output voltage starts
discharging. When the OVP voltage drops
lower than lower threshold caused by a OVP
hysteresis value, typical value 100mV, the gate
driver resumes to normal switching again.
If OVP voltage is greater than 3V for 4
switching cycles, MP3373 will turn off and latch
until VIN or EN is reset.
Unused Strings Connection
In default normal mode, all 8-channel current
sources are regulated in a closed feedback
control loop. In some cases, if one or more
channels
are
not
used,
connect
the
corresponding CTLX pin to GND. MP3373 will
detect it automatically during IC startup and
remove the unused channels from the closed
control loop.
Phase Shift Function
If PSEN pin is float, in PWM dimming mode, all
8-channel current sources are phase-shifted by
450 between each two channels in order to
reduce inrush current and eliminate audible
noise, i.e., Channel 1 directly follows PWM
signal input, Channel 2 lags Channel 1 by 450
and Channel 3 lags Channel 2 by 450. If some
channels are unused by connecting respective
CTLX to GND, the phase shift phase detection
circuit can automatically change the phase shift
delay time. For example, if two channels are not
used by connecting CTRL7 and CTRL8 pin to
GND, the phase shift delay is automatically
changed to 600. If four channels are not used by
connecting CTRL5, CTRL6, CTRL7 and CTRL8
pin to GND, the phase shift delay is
automatically changed to 900. Note that
marked-off channels caused by short/open LED
string protection during operation will not
change the phase shift delay time.
If phase shift function is not used, connect
PSEN pin to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com