Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3373GY Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3373GY
Description  8 Strings, Step Up WLED Controller with External Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3373GY Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3373GY Datasheet HTML 7Page - Monolithic Power Systems MP3373GY Datasheet HTML 8Page - Monolithic Power Systems MP3373GY Datasheet HTML 9Page - Monolithic Power Systems MP3373GY Datasheet HTML 10Page - Monolithic Power Systems MP3373GY Datasheet HTML 11Page - Monolithic Power Systems MP3373GY Datasheet HTML 12Page - Monolithic Power Systems MP3373GY Datasheet HTML 13Page - Monolithic Power Systems MP3373GY Datasheet HTML 14Page - Monolithic Power Systems MP3373GY Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP3373, 8 STRINGS, WLED CONTROLLER WITH EXTERNAL TRANSISTOR
MP3373 Rev. 1.02
www.MonolithicPower.com
11
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The
MP3373
employs
a
programmable
constant-frequency, peak current mode step-up
converter with 8 channels regulated current
control circuit to drive an array of up to 8 strings
of white LEDs.
Internal 10V Regulator
The MP3373 includes an internal linear
regulator (VCC). When VIN is greater than 10V,
this regulator offers a 10V power supply for the
internal MOSFET switch gate driver and the
internal control circuitry. The VCC voltage drops
to 0V when the chip shuts down. The MP3373
features Under Voltage Lockout. The chip is
disabled
until
VCC
exceeds
the
UVLO
threshold. And the hysteresis of UVLO is
approximately 200mV.
System Startup
When enabled, the MP3373 checks the
topology connection first. The chip monitors the
over-voltage protection (OVP) pin to see if the
Schottky diode is not connected or if the boost
output is shorted to GND. An OVP voltage of
higher than 80mV makes the chip switching
normally, otherwise the switching is disabled. In
addition, the MP3373 also checks other safety
limits, including UVLO and over-temperature
protection (OTP), over-current protection after
passing the OVP test. If all the protection tests
pass, the chip then starts boosting the step-up
converter with an internal soft-start.
It is recommended that the enable signal occurs
after the establishment of the input voltage and
PWM dimming signal during the start-up
sequence to avoid large inrush current.
Step-Up Converter
The
converter
operating
frequency
is
programmable (from 100kHz to 1MkHz) with an
external resistor connected to the OSC pin.
This helps to optimize the size of external
components and the efficiency.
At the beginning of each switching cycle, the
internal clock turns on the external MOSFET (In
normal operation, the minimum turn on time is
200ns). A stabilizing ramp added to the output
of the current sense amplifier prevents sub-
harmonic oscillations for duty cycles greater
than 50 percent. This result is fed into the PWM
comparator.
When
the
summed
voltage
reaches the output voltage of the error amplifier
(VCOMP), the external MOSFET turns off.
The output voltage of the internal error amplifier
is an amplified signal of the difference between
the reference voltage and the feedback voltage.
The converter automatically chooses the lowest
active LEDX pin voltage to provide a high-
enough bus voltage to power all the LED arrays.
If the feedback voltage drops below the
reference, the output of the error amplifier
increases. It will result in more current flowing
through the MOSFET, thus increasing the
power delivered to the output. This forms a
closed loop that regulates the output voltage.
Under light-load operation, especially in the
case of VOUT ≈ VIN, the converter runs in
pulse-skipping mode where the MOSFET turns
on for a minimum on-time of approximately
200ns, and then the converter discharges the
power to the output for the remaining period.
The external MOSFET remains off until the
output voltage needs to be boosted again.
Dimming Control
The MP3373 provides two dimming methods:
PWM and analog dimming mode.
For PWM dimming, apply a PWM signal to
EN/PWM pin or DIM pin. The LED current is
chopped by this PWM signal and the average
LED current is equal to Iset*D_dim where
D_dim is the duty cycle of PWM dimming signal
and Iset is the LED current amplitude.
For analog dimming, apply a DC voltage range
from 0.4V to 1.5V on this pin linearly to set LED
current from 0% to 100%.
Open String Protection
The open string protection is achieved through
the over voltage protection. If one or more
strings are open, the respective CTLx pin
voltages are low and the IC keeps charging the
output voltage until it reaches OVP threshold.
Then the part will mark off the open strings
whose CTLX pin voltage is less than VCTLX_UV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com