Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3373GY Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3373GY
Description  8 Strings, Step Up WLED Controller with External Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3373GY Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3373GY Datasheet HTML 10Page - Monolithic Power Systems MP3373GY Datasheet HTML 11Page - Monolithic Power Systems MP3373GY Datasheet HTML 12Page - Monolithic Power Systems MP3373GY Datasheet HTML 13Page - Monolithic Power Systems MP3373GY Datasheet HTML 14Page - Monolithic Power Systems MP3373GY Datasheet HTML 15Page - Monolithic Power Systems MP3373GY Datasheet HTML 16Page - Monolithic Power Systems MP3373GY Datasheet HTML 17Page - Monolithic Power Systems MP3373GY Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP3373, 8 STRINGS, WLED CONTROLLER WITH EXTERNAL TRANSISTOR
MP3373 Rev. 1.02
www.MonolithicPower.com
14
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
FUNCTION BLOCK DIAGRAM
Control
Logic
+
-
Current Sense
Amplifier
+
-
PWM
Comparator
Oscillator
+
-
2.5V
OV
Comparator
+
-
+
-
CTL1
Max
Min
Feedback
CTL1 Control
VLEDS
EA
LED OV
Comparator
Short String
Protection
Regulator
OVP
ISENSE
GND
VIN
VCC
DIM
COMP
OSC
EN/PWM
Enable
Control
300mV
GATE
GND
Current Control
And
Fault Protection
FAULT
Fault
Management
PSEN
FB1
CTL8
FB8
Phase Shift and
Dimming Control
Figure 1: MP3373 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com