Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7296IP Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT7296IP
Description  INTEGRATED LINE TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7296IP Datasheet(HTML) 3 Page - Exar Corporation

  XRT7296IP Datasheet HTML 1Page - Exar Corporation XRT7296IP Datasheet HTML 2Page - Exar Corporation XRT7296IP Datasheet HTML 3Page - Exar Corporation XRT7296IP Datasheet HTML 4Page - Exar Corporation XRT7296IP Datasheet HTML 5Page - Exar Corporation XRT7296IP Datasheet HTML 6Page - Exar Corporation XRT7296IP Datasheet HTML 7Page - Exar Corporation XRT7296IP Datasheet HTML 8Page - Exar Corporation XRT7296IP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
XRT7296

 
PIN CONFIGURATION
7
0

<
#
==0
==0
*
<
0
75
57
=
<
0
7
@0
#
@75
57
@=
7=
#=
=
0=
40<
75
79
28 Lead SOJ (Jedec, 0.300”)
!

&




&
)
"
"
)
!
%
%
!






"
)
&



7
0

<
<
0
75
57
#
==0
==0
*
=
<
0
7
@0
#
@75
57
@=
7=
#=
=
0=
40<
75
79
28 Lead PDIP (0.600”)

)

&




&
)
"
!
%

!
"
)
&





%

!

"
PIN DESCRIPTION
Pin #
Symbol
Type
Description

#
Receive Clock Input.
,  +  /+/; . 0   7

==0
Remote Loop Back.
 11  1  /, 0   7      1
+ ,  #    ==0   ==0 11 ,+  ,+-    

==0
Local Loop Back.
 11  1  /, 0   7   1,1 1 *
/   , ,  0=   75  / +-    ==0   ==0 11 ,+ *
,+-    

*

DS3, STS-1 or E3 Select Pin
  11  1  +/    *        1
/   /  49   +2 +/       1 /   / 
:4 
&
=
Transmit All Ones Select
  11  1  /,  /  ,, @ ++ E    3
    1 +  1 .>, /-     3- #
)
<
5 V Digital Supply
'± &.( . ++ +/ //, -
"
0
Transmit Positive Data
 0   +  1 .++   . # 0 "    !
/ 3   1 . 3 -  ,  +
!
7
Transmit Negative Data.
7   +  1 .++   . # 0 "    !
/ 3   1 . 3 -  ,  +
%
#
Transmit Clock
. 0   7

57
Digital Ground
. ++ +/ //, -

7=
Encoder Disable.
 11  1  3+ 49  :4 /  ., /   , + *
 3- = >,  1  , 3  11 . 0   7  +- *
/

=
Decoder Disable
  11  1  3+ 49  :4 /  ., /  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com