Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7296IP Datasheet(PDF) 4 Page - Exar Corporation

Part # XRT7296IP
Description  INTEGRATED LINE TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7296IP Datasheet(HTML) 4 Page - Exar Corporation

  XRT7296IP Datasheet HTML 1Page - Exar Corporation XRT7296IP Datasheet HTML 2Page - Exar Corporation XRT7296IP Datasheet HTML 3Page - Exar Corporation XRT7296IP Datasheet HTML 4Page - Exar Corporation XRT7296IP Datasheet HTML 5Page - Exar Corporation XRT7296IP Datasheet HTML 6Page - Exar Corporation XRT7296IP Datasheet HTML 7Page - Exar Corporation XRT7296IP Datasheet HTML 8Page - Exar Corporation XRT7296IP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
XRT7296

 
PIN DESCRIPTION (CONT’D)
Pin #
Symbol
Type
Description

40<
=
Bipolar Violation Output
 1   11 .  3  21  3 + +  
/     1    /  ,+  /     /   1 0
7  +

79
=
Receive Binary Data.
 +  1   1 =*, , . 0=   75
&
75
=
Receive Negative Data.
1  +  1 /  . 7
)
0=
=
Receive Positive Data
 1  +  1 /  . 0
"
#=
=
Receive Clock Output
 1  +  1     . #
!
@=
=
Driver Monitor Output.
.     @  +    @0   @75 .
!±
 # /+/;  @=  11 , + 1 A @  +   / 
%
@75
Monitor Ring Input
 @  + . 75 / 3 / /   1  . +  .+*
,  /    ++- ,++ 11

@0
Monitor Tip Input
 @  + . 0 / 3 / /   1  . +  .+,
 /    ++- ,++ 11

57
Analog Ground
.  + //, -

75
=
Transmit Ring Output
   @  +    1 +   G  . .
1  

0
=
Transmit Tip Output.
  @  +    1 +   G  . . 1
 

<
*
5V Analog Supply (
± 5%)
.  + //, -
&
<
Transmit Level Select.
1  ,    1 ,  / ., 1     
1 1 , ,  +  + , .           ,  /3+ +
1 , ,  +  + ,  0   75 / 3  3-    1  H11H 
H+2H 1 ,+  .    A< H11H  H+2H    3+2
81 1 /3+ +  1  + 1  .  A< , 3  H+2H '    1
 ,+  +  /./  (
81 1 /3+ +  1    1  .   + 1 & .  A< - 3  
H11H   1 , , ,+ . 1 "%) / 2++  1    ,+
 +  /./   >, 
81 1 /3+ +  1    1 & .  1 A< , 3  H11H '  
 1    ,+  +  /./  (
Note: This input pin is only active, for DS3 and STS•1 applications.
)

In-circuit Testing.
 +2  1  /, ++  +    + , ,       11**
 /    ++2 .  *//,     ++- ,++ 11
"
0
Receive Positive Data
 79  ,    1 / 3+/;  +  1 .++   .
#
!
7
Receive Negative Data
 79  ,   . 1 / 3+/;  +  .++   .
#
Note
1 If a bipolar violation occurs, RPOS and RNEG can correspond to the decoded versions of RNDATA and RPDATA respectively. If
DECODIS is high, RPOS and RNEG always track RPDATA and RNDATA respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com