Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7296IP Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT7296IP
Description  INTEGRATED LINE TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7296IP Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT7296IP Datasheet HTML 4Page - Exar Corporation XRT7296IP Datasheet HTML 5Page - Exar Corporation XRT7296IP Datasheet HTML 6Page - Exar Corporation XRT7296IP Datasheet HTML 7Page - Exar Corporation XRT7296IP Datasheet HTML 8Page - Exar Corporation XRT7296IP Datasheet HTML 9Page - Exar Corporation XRT7296IP Datasheet HTML 10Page - Exar Corporation XRT7296IP Datasheet HTML 11Page - Exar Corporation XRT7296IP Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
XRT7296
!
 
DS3 SIGNAL REQUIREMENTS AT THE DSX
$      ,+ /1/  /   /. 
1 * 21/1    / /     
.   1 // /  1 // / A 
 1  21 1     + /1 1
 3,  . M/;
1 *  / / 
 /./  3+ + 1  + >,  'Table 1)
1 "%) /   1,1 & . . "!
/3+  1 *   
, +- 2 +  ,+  + >,  A G
1 7  ,+  + 'See Table 3 and Figure
3
(   1 4++/ *78*%% ,+  +  1
,+    3- 1 "%)   1
 + 
Parameter
Specification
 
")@3  ± 

 
4 + 2 1 1* ,3  ,  '49(
 
"&  &.
0,+ 1
 +  ,+ , . 1  +  Figure 3  Figure 4 1 ,+  + , -
3 /+ 3-  /   ./   . 1  +  1 ,+  + , , 3 3*
2 )< ;   !&< ; ,  1 /  . 1 ,+
02 +
$  ++        1 2  )! ± @:B , 3 *! 
D&"4   1 2  ") ± @:B , 3 *!4  *4 
Notes
1 The pulse template proposed by G.703 standards is shown in Figure 4 and specified in Table 4 The proposed G.703 standards
further state that the voltage in a time slot containing a 0 must not exceed
5% of the peak pulse amplitude, except for the residue
of preceding pulses.
2 The power levels specified by the proposed G.703 standards are identical except that the power is to be measured in 3kHz bands.
3 The all 1s pattern must be a pure all 1s signal, without framing or other control bits.
Table 2. DSX•3 Interconnection Specification
Lower Curve
Upper Curve
Time
Equation
Time
Equation
  *)
*
 *)!
D
*)   D)
& N D   N D! OO*
*)!    D )
&N  D   N DOOD
D)  
*
D)
&D"*!'*)(
Table 3. DSX-3 Pulse Template Boundaries for ANSI T1.404 Standards (See Figure 3. )
Lower Curve
Upper Curve
Time
Equation
Time
Equation
*!&    *)
*
*!&  *)!
D
*)    D)
& N D   N D !OO *
*)!   D )
&N  D   N DOO D
D)    D
*
*)!   )
!D"*!'*)(
Table 4. DSX-3 Pulse Template Boundaries for Bellcore TR-NWT-000499 Standards (See Figure 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com