Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7296IP Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT7296IP
Description  INTEGRATED LINE TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7296IP Datasheet(HTML) 1 Page - Exar Corporation

  XRT7296IP Datasheet HTML 1Page - Exar Corporation XRT7296IP Datasheet HTML 2Page - Exar Corporation XRT7296IP Datasheet HTML 3Page - Exar Corporation XRT7296IP Datasheet HTML 4Page - Exar Corporation XRT7296IP Datasheet HTML 5Page - Exar Corporation XRT7296IP Datasheet HTML 6Page - Exar Corporation XRT7296IP Datasheet HTML 7Page - Exar Corporation XRT7296IP Datasheet HTML 8Page - Exar Corporation XRT7296IP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
XRT7296
 
     
 

     !" #   $   %&!  '&( ))!*"  $ '&( ))!*""
 + *
FEATURES
 $,++-     ./ .
*  
   0,+ 1   /,
  + / 2 1   3+ - 4,++  %
  + / 2 1  /   
5" 6 5!
  + / 2 1 4++/ *78*%%
  + / 2 1 7 
 4,+ * 49:4 /   /
    /+  3/; $, /  
  + &< 02 , +-
APPLICATIONS
 ./ . =7 *    7 2;
>, 
  + * / - 
 ?? >, 
 0@  >, 
 $3 = /  +
GENERAL DESCRIPTION
1 "%)   .,++-    0@   
  .  '")@3 (   ')!@3 (
 +/   / + 3 , .     =7
* '&!@3 (  +  /A+ /3+ 1  
   / +  1 "%& =7
*  "%&     / 1
"%) /    , /+/;   ,+*+ ,  +  
  @ ,+ //   6 /1 /+ -
7    5" /   
1 /  49 '(  :4 '( / 
., /   .    3     1 +  
/ + - / //,  +  /+,  1 /1
. /  /  + .  A  + +
/ 4 1 /   / ., /   / 3
3+    +- 1,1 A  + / +  
1 / /   /     3 + +  
  /    .+   , ,  
= */1
,+ 1  //, - +   ++-
>, A  + /   . + >,+B  
 1 /*/ /  +  $ -  ++
,3+*1        3 1 +/+   
+ *3/;  3+ 2 1 1 3,+ * + *3/; //, 
1 "%)   ,./ , ,  4@=
/1 +-    /;   !*  00  =C
/; 1 / >,   + &< 2 , +-
  / ,  A, 2 . "8 '
/, . D /    (
ORDERING INFORMATION
Part No.
Package
Operating
Temperature Range
"%)0
!  ) @+ 00
* D !&
"%)8
! C   @+ C =C
* D !&


Similar Part No. - XRT7296IP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7296IW-F EXAR-XRT7296IW-F Datasheet
124Kb / 2P
XRT7296 DS3 STS-1 E3 Integrated Line Transmitter
More results

Similar Description - XRT7296IP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7298 EXAR-XRT7298 Datasheet
582Kb / 16P
DS3/STS-1, E3 INTEGRATED LINE TRANSMITTER
XR-T7296 EXAR-XR-T7296 Datasheet
173Kb / 16P
DS3/STS-1, E3 Integrated Line Transmitter
logo
Emcore Corporation
RACK3000 EMCORE-RACK3000 Datasheet
262Kb / 2P
Integrated Microwave Transmitter
logo
Texas Instruments
CC115L TI1-CC115L Datasheet
1Mb / 61P
Value Line Transmitter
logo
Emcore Corporation
SITU2011 EMCORE-SITU2011 Datasheet
284Kb / 3P
Small Integrated Transmitter Unit
SITU2300 EMCORE-SITU2300 Datasheet
343Kb / 3P
Small Integrated Transmitter Unit
SITU2400 EMCORE-SITU2400 Datasheet
298Kb / 3P
Small Integrated Transmitter Unit
logo
Exar Corporation
XRT7296 EXAR-XRT7296_10 Datasheet
124Kb / 2P
XRT7296 DS3 STS-1 E3 Integrated Line Transmitter
logo
Texas Instruments
CC115LRTKR TI-CC115LRTKR Datasheet
1Mb / 60P
Value Line Transmitter
CC115LRTKT TI-CC115LRTKT Datasheet
1Mb / 60P
Value Line Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com