Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7296IP Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT7296IP
Description  INTEGRATED LINE TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7296IP Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT7296IP Datasheet HTML 2Page - Exar Corporation XRT7296IP Datasheet HTML 3Page - Exar Corporation XRT7296IP Datasheet HTML 4Page - Exar Corporation XRT7296IP Datasheet HTML 5Page - Exar Corporation XRT7296IP Datasheet HTML 6Page - Exar Corporation XRT7296IP Datasheet HTML 7Page - Exar Corporation XRT7296IP Datasheet HTML 8Page - Exar Corporation XRT7296IP Datasheet HTML 9Page - Exar Corporation XRT7296IP Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
XRT7296
)
 
ABSOLUTE MAXIMUM RATINGS
02 , +-
*&  D)&<

    ,
*)&  &

<+    - 0
*&<  < D&<

02    =C 0;
"&8

02    0 0;
8

, <+  ' - 0 (
*&<  < D &<

, , ' - 0 (


SYSTEM DESCRIPTION
B3ZS/HDB3 ENCODER
   3      ,  1 / 3+/;  3
/  1  49  :4     3- 1
  . 1 *   ,   . / 3
,  +  3 - $ 3 -  + 0  
7   3 / /   1 A  ++- 1
+ / , .   49 1  /1 3+/;
. 1 / /,  B      +/ 3-
 . 2 / 21/1 /  3 + +   1
 +/ /  4<   <L 21 4  /  
,+ / .  2 1 1 3 + ,+   <    
,+ +   1 ,+ 1 /1/ . 1 / 
 ,/1 1   ,3 . 4 ,+ 2++ 3
   3 2 / /,  3 + +  '<(
,+ $  .  1 + /  :4 1
/  ,+ . :4  +  49 A/ 1
,3 . / /,  B   /  ., 3. 
/  +/ / ; +/ 1  +/
/  1 /  <   4<
*     /1 3- +/  1   1
    ,  &! @:B /+/; /   
. *  1  . 
TRANSMIT ALL ONE SELECT
   = 11 /, /  ,, @ /  
3     1 +  1   , 0  
7    .  + 3/; '==0(  
11  - = >,   
REMOTE LOOP-BACK
   ==0 11 /, / 0  
7  3     1 + 1,1 0  
75 1        3- # 1
 0   7   
LOCAL LOOPBACK
   ==0 11 /, 0   7  
1,1 3 1 1 /   1 / 1 
1    + #= 0=   75
/    # 0   7
 / +- ? +  3- = >, 
0   7 2++  ++ 3     1 + 
   ==0   ==0 11 ,+  ,+-  
 
B3ZS/HDB3 DECODER
1 / 3+/;   /+,  . 49  :4
/      3- 1   . 1 
*   1 49 .  1 /  / 
3 1 4<   < ,+    +/ 1 2 1 
  . :4 /   +/  3-    1 
*  +2 4<   < ,+ 2++ 3  / 
   +/ 2 1  / 3 1 / 3 +
+    /   21/1   / .  1
/  /1   /     /   1 40<
, ,  
DECODER DISABLE
$    ,      +/   21 1
/   3 3-  1 / / 3
3+ 3-    = 11 1  ++
3 + +  ,+   /   1 40<  
BIPOLAR VIOLATION
1 40<  2++  11 .  3  21  3 +
+   /     1    /  ,+
  /    /   1 07 1
+  ,+  +2-  . 1 /
, , 0=  75 21 =   +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com