Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7296IP Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT7296IP
Description  INTEGRATED LINE TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7296IP Datasheet(HTML) 5 Page - Exar Corporation

  XRT7296IP Datasheet HTML 1Page - Exar Corporation XRT7296IP Datasheet HTML 2Page - Exar Corporation XRT7296IP Datasheet HTML 3Page - Exar Corporation XRT7296IP Datasheet HTML 4Page - Exar Corporation XRT7296IP Datasheet HTML 5Page - Exar Corporation XRT7296IP Datasheet HTML 6Page - Exar Corporation XRT7296IP Datasheet HTML 7Page - Exar Corporation XRT7296IP Datasheet HTML 8Page - Exar Corporation XRT7296IP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
XRT7296
&
 
ELECTRICAL CHARACTERISTICS (See Figure 8 )
Test Conditions: VDD =5V ± 5%, TA = -40C to +85C, unless otherwise specified. All timing characteristics
are measured with 10pF loading.
Symbol
Parameter
Min.
Typ.
Max.
Units
AC Electrical Characteristics
# +/; , - -/+ '  *(
&
&
&&
.
# +/; , - -/+ '(
"
&
&
.

# +/;   '.  %.(


$
# +/; $++  '.  %.(


?
07  # $++   ? 


:=
07  # $++  :+ 
&

I
075  #   0   +- 
)


# +/; , - -/+
&
&
&&
.

# +/;   '.  %.(


$
# +/; $++  '.  %.(


?
07  # $++   ? 


:=
07  # $++  :+ 
&


#= +/;   '.  %.(


$
#= +/; $++  '.  %.(


I
0=7579  #=   0  
+- 


DC Electrical Characteristics
<
<
 , +- <+ 
"&
&
&&
<
, +- , 


<
, 2 <+ 

&
<
<:
, :1 <+ 
<J "
<
<
<=
=, , 2 <+  =?K*
57

<
<=:
=, , :1 <+  =?K
< * &
<
<

, ; , 
±


0 %) ' , K<(
*&
*&


,  /  /

$

  /  /

$
Notes:
1 When the encoder is enabled, a handling delay of four and a half TCLK clock cycles for B3ZS and five and half clock cycles for HDB3
always exists between TPDATA/TNDATA and TTIP/TRING. The handling delay is reduced to two clock cycles when the encoder
is disabled.
2 When the decoder is enabled, a handling delay of six and a half RCLK clock cycles will always exist between RPDATA/RNDATA
and RPOS/RNEG/RNRZ. The handling delay is reduced to one and half RCLK clock cycles when the decoder is disabled.
3 Supply current is measured with transmitter sending all ones AMI signal and with Transmit Level (TXLEV) set to high.
4 All inputs except pin 19, 20 and pin 26.
Specifications are subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com