Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8366ACPZ-R7
Description  Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8366ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
AD8366
Rev. B | Page 27 of 28
Components
Function
Default Conditions
S1, S5, S7, R53, R57, R79,
C29, C30, C31
Enable interface includes device enable and data enable.
Device enable. The AD8366 is enabled by applying a logic high
voltage to the ENBL pin. The device is enabled when the S1 switch is
set in the down position (high), connecting the ENBL pin to VPSI_A.
Data enable. DENA and DENB are used to enable the data path for
Channel A and Channel B, respectively. Channel A is enabled when
the S5 switch is set in the down position (high), connecting the DENA
pin to VPSI_A. Likewise, Channel B is enabled when the S7 switch is
set in the down position (high), connecting the DENB pin to VPSI_A.
Both channels are disabled by setting the switches to the up position,
connecting the DENA and DENB pins to GND.
S1, S5, S7 = installed,
R53, R57 = 5.1 kΩ (size 0603),
R79 = 10 kΩ (size 0402),
C30 = 0.01 µF (size 0402),
C29, C31 = 1500 pF (size 0402)
S2, S3, S4, S6, S8, S9, S10
R26, R32, R40 to R43, R61,
R64, C23, C33, U1
Serial/parallel interface control. SENB is used to set the data control
either in parallel or serial mode. The parallel interface is enabled when
S4 is in the up position (low). The serial interface is enabled when S4
is in the down position (high).
For SENB pulled low, BIT0 (S9) sets 0.25 dB gain, BIT1 (S2) sets 0.5 dB
gain, BIT2 (S3) sets 1 dB gain, BIT3 (S6) sets 2 dB gain, BIT4 (S8) sets
4 dB gain, and BIT5 (S10) sets 8 dB gain.
For SENB pulled high, BIT0 becomes a chip select (CS), BIT1 becomes
a serial data input (SDAT), and BIT2 becomes serial clock (SCLK). BIT3 to
BIT5 are not used in serial mode. U1 is used to deglitch the SCLK signal.
S2, S3, S4, S6, S8, S9, S10 = installed,
R26 = 698 kΩ (size 0603),
R32, R40 to R43, R61, R64 = 5.1 kΩ
(size 0603),
C23, C33 = 1500 pF (size 0603),
U1 = SN74LVC2G14 inverter chip
S11, S12, C9, C10
DC offset correction loop compensation.
The dc offset correction loop is enabled (high) with S11 and S12 for
Channel A and Channel B, respectively, when the enabled pins, OFSA/
OFSB, are connected to ground through the C9 and C10 capacitors.
When disabled (low), OFSA/OFSB are connected to ground directly.
S11, S12 = installed,
C9, C10 = 8200 pF (size 0402)
R10, R22, R24, R28, C22,
C28
Output common-mode setpoint. The output common mode on
Channel A and Channel B can be set externally when applied to
VCMA and VCMB. The resistive change through the potentiometer
sets a variable VCMA voltage. If left open, the output common mode
defaults to VPOS/2.
R10, R24 = 10 kΩ potentiometers,
R22, R28 = 0 Ω,
C22, C28 = 0.1 µF (size 0402)
C2, C3, C11, C12
Reference output decoupling capacitor to circuit common.
C2, C3 = 0.1 µF (size 0402),
C11, C12 = 0.01 µF (size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com