Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8366ACPZ-R7
Description  Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8366ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
AD8366
Rev. B | Page 13 of 28
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
FREQUENCY (MHz)
PSRR GAIN CODE 0
PSRR GAIN CODE 63
Figure 35. Power Supply Rejection Ratio (PSRR) vs. Frequency
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
FREQUENCY (MHz)
GAIN CODE 32
GAIN CODE 0
GAIN CODE 63
Figure 36. Group Delay vs. Frequency at Gain Code 0, Gain Code 32, and
Gain Code 63
–120
–100
–80
–60
–40
–20
0
1
10
100
1000
FREQUENCY (MHz)
DRIVEN CHANNEL AT GAIN CODE 0
MEASURED CHANNEL AT GAIN CODE 63
MEASURED CHANNEL AT GAIN CODE 32
MEASURED CHANNEL AT GAIN CODE 0
Figure 37. Channel-to-Channel Isolation vs. Frequency,
Channel A Driven, Channel B Measured
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0
5
10
15
20
25
30
35
40
45
50
55
60
GAIN CODE
FREQUENCY = 10MHz
FREQUENCY = 50MHz
TA = +85°C
TA = +25°C
TA = –40°C
Figure 38. SFDR vs. Gain Code at 10 MHz and 50 MHz,
1 Hz Analysis Bandwidth
0
10
20
30
40
50
60
70
80
90
1M
10M
100M
1G
FREQUENCY (Hz)
GAIN CODE 32
GAIN CODE 63
GAIN CODE 0
Figure 39. Common-Mode Rejection Ratio (CMRR) vs. Frequency
0
1
10
100
1000
FREQUENCY (MHz)
PIN = +10dBm
PIN = +5dBm
PIN = 0dBm
PIN = –5dBm
PIN = –10dBm
–20
–40
–60
–80
–100
–120
–140
–160
Figure 40. Forward Leakage vs. Frequency, Part Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com