Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8366ACPZ-R7
Description  Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8366ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD8366
Rev. B | Page 9 of 28
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
45
50
55
60
GAIN CODE
TA = +85°C
TA = +25°C
TA = –40°C
Figure 11. OP1dB vs. Gain Code at 500 kHz, 3 MHz, 10 MHz, and 50 MHz
10
15
20
25
30
35
40
45
50
55
60
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
45
50
55
60
GAIN CODE
TA = +85°C
TA = +25°C
TA = –40°C
FREQUENCY = 10MHz
FREQUENCY = 50MHz
Figure 12. OIP3 vs. Gain Code at 10 MHz and 50 MHz Frequency, 2 V p-p
Composite Output
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
5
10
15
20
25
30
35
40
45
50
55
60
GAIN CODE
TA = +85°C
TA = +25°C
TA = –40°C
FREQUENCY = 10MHz
FREQUENCY = 50MHz
Figure 13. Two-Tone Output IMD3 vs. Gain Code at 10 MHz and 50 MHz
Frequency, 2 V p-p Composite Output
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
FREQUENCY (MHz)
GAIN CODE 0
GAIN CODE 63
TA = +85°C
TA = +25°C
TA = –40°C
Figure 14. OP1dB vs. Frequency at Gain Code 0 and Gain Code 63
0
5
10
15
20
25
30
35
40
45
50
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
FREQUENCY (MHz)
GAIN CODE 32
GAIN CODE 0
TA = +85°C
TA = +25°C
TA = –40°C
CHANNEL A
CHANNEL B
GAIN CODE 63
Figure 15. OIP3 vs. Frequency, Gain Code 0, Gain Code 32, and Gain Code 63,
2 V p-p Composite Output
–110
–90
–70
–50
–30
–10
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
FREQUENCY (MHz)
GAIN CODE 0
TA = +85°C
TA = +25°C
TA = –40°C
CHANNEL A
CHANNEL B
GAIN CODE 63
GAIN CODE 32
Figure 16. Two-Tone Output IMD3 vs. Frequency at Gain Code 0,
Gain Code 32, and Gain Code 63, 2 V p-p Composite Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com