Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8366ACPZ-R7
Description  Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8366ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
AD8366
Rev. B | Page 19 of 28
LOW FREQUENCY IMD3 PERFORMANCE
To measure the IMD3 data at low frequencies, wideband
transformer baluns from North Hills Signal Processing Corp.
were used, specifically the 0301BB and the 0520BB. Figure 55
shows the IMD3 performance vs. frequency for a 2 V p-p
composite output. The IMD3 performance was also measured
for the combined ADL5380 and AD8366 system, as shown in
Figure 56, with an FFT spectrum analyzer. An FFT spectrum
analyzer works very similar to a typical ADC, the input signal
is digitized at a high sampling rate that is then passed through an
antialiasing filter. The resulting signal is transformed to the
frequency domain using fast Fourier transforms (FFT).
The single-ended RF signal from the source generator is converted
to a differential signal using a balun that gets demodulated and
down converted to differential IF signals through the ADL5380.
This differential IF signal drives the AD8366, thus eliminating
the need for low frequency baluns. Figure 54 shows the IMD3
performance vs. frequency over the 500 kHz to 5 MHz range
for minimum and maximum gain code setting on the AD8366.
During the measurements, the output was set to 2 V p-p composite.
–90
–80
–70
–60
–50
–40
–30
–20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (MHz)
GC63
GC0
Figure 54. System IMD3 vs. Frequency, 2 V p-p Composite at
the Output of the AD8366
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
45
50
55
60
GAIN CODE
FREQUENCY = 1MHz
FREQUENCY = 3MHz
Figure 55. OIP3 on Low Frequency, 2 V p-p Composite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com