Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8366ACPZ-R7
Description  Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8366ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD8366
Rev. B | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED
TO GROUND.
VPSIA
IPPA
IPMA
ENBL
ICOM
IPMB
IPPB
VPSIB
BIT0/CS
BIT1/SDAT
BIT2/SCLK
BIT3
OCOM
BIT4
BIT5
DENA
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
AD8366
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8, 13, 28
VPSIA, VPSIB, VPSOB,
VPSOA
Input and Output Stage Positive Supply Voltage (4.75 V to 5.25 V).
2, 3, 6, 7
IPPA, IPMA, IPMB,
IPPB
Differential Inputs.
4
ENBL
Chip Enable. Pull this pin high to enable.
5, 20
ICOM, OCOM
Input and Output Ground Pins. Connect these pins via the lowest possible impedance to
ground.
9, 32
DECB, DECA
VPOS/2 Reference Decoupling Node. Connect a decoupling capacitor from these nodes to
ground.
10, 31
OFSB, OFSA
Output Offset Correction Loop Compensation. Connect a capacitor from these nodes to
ground to enable the correction loop. Tie this pin to ground to disable.
11, 30
CCMB, CCMA
Connect These Nodes to Ground.
12, 29
VCMB, VCMA
Output Common-Mode Setpoint. These pins default to VPOS/2 if left open. Drive these pins
from a low impedance source to change the output common-mode voltage.
14, 15, 26, 27
OPPB, OPMB, OPMA,
OPPA
Differential Outputs.
16, 17
DENB, DENA
Data Enable. Pull these pins high to address each or both channels for parallel gain
programming. These pins are not used in serial mode.
18, 19, 21, 22, 23, 24
BIT5, BIT4, BIT3,
BIT2/SCLK, BIT1/SDAT,
BIT0/CS
Parallel Data Path (When SENB Is Low). When SENB is high, BIT0 becomes a chip select (CS),
BIT1 becomes a serial data input (SDAT), and BIT2 becomes a serial clock (SCLK). BIT3 to BIT5
are not used in serial mode.
25
SENB
Serial Interface Enable. Pull this pin high for serial gain programming mode and pull this pin low
for parallel gain programming mode.
EPAD
The exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com