Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8366ACPZ-R7
Description  Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8366ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD8366
Data Sheet
Rev. B | Page 16 of 28
GAIN CONTROL INTERFACE
The AD8366 provides two methods of digital gain control:
serial or parallel. When the SENB pin is pulled low, the part
is in parallel gain control mode. In this mode, the two digitally
controlled VGAs can be programmed simultaneously, or one at
a time, depending on the levels at DENA and DENB. If the SENB
pin is pulled high, the part is in serial gain control mode, with
Pin 24, Pin 23, and Pin 22 corresponding to the CS, SDAT, and
SCLK signals, respectively.
The voltage gain of the AD8366 is well approximated by
Gain (dB) = GainCode × 0.253 + 4.5
Note that at several major transitions (15 to 16, 31 to 32, and 47 to
48), the gain changes significantly less (0 dB step) or significantly
more (0.5 dB step) than the desired 0.25 dB step. This is inherent
in the design of the part and is related to the partitioning of the
variable gain block into a fine-gain and a coarse-gain section.
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
0
5
10
15
20
25
30
35
40
45
50
55
60
GAIN CODE
Figure 49. Gain and Gain Step Error vs. Gain Code at 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com