Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4960-1ACPZ-R7
Description  5 GHz, Low Distortion lADC Driver/Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4960-1ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
ADA4960-1
Rev. A | Page 3 of 19
SPECIFICATIONS
VCC = 5 V, VOCM = 2.5 V, R
L = 100 Ω differential, AV = 6 dB, CL = 1 pF differential, f = 140 MHz, T = 25°C. Inputs and outputs are ac-coupled.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
A
V = 6 dB, VOUT ≤ 1.0 V p-p
5000
MHz
A
V = 12 dB, VOUT ≤ 1.0 V p-p
2000
MHz
A
V = 18 dB, VOUT ≤ 1.0 V p-p
1200
MHz
Bandwidth for 0.1 dB Flatness
V
OUT ≤ 1.0 V p-p
300
MHz
Gain Accuracy
R
G = 95.3 Ω
0.5
dB
Gain Supply Sensitivity
V
S ± 5%
0.2
dB/V
Gain Temperature Sensitivity
−40°C to +85°C
2.5
mdB/°C
Slew Rate
A
V = 6 dB, VOUT = 2 V step, 20% to 80%
8700
V/µs
A
V = 12 dB, VOUT = 2 V step, 20% to 80%
7700
V/µs
A
V = 18 dB, VOUT = 2 V step, 20% to 80%
6600
V/µs
A
V = 6 dB, VOUT = 1 V step, 20% to 80%
7200
V/µs
A
V = 12 dB, VOUT = 1 V step, 20% to 80%
4900
V/µs
A
V = 18 dB, VOUT = 1 V step, 20% to 80%
3700
V/µs
Settling Time
1 V step to 1%
1
ns
1 V step to 0.1%
1.4
ns
Overdrive Recovery Time
V
IN = 1 V to 0 V step, AV = 12 dB, VOUT ≤ 1%
6.7
ns
V
IN = 1 V to 0 V step, AV = 12 dB, VOUT ≤ 0.5%
9.3
ns
Reverse Isolation (S12)
f = ≤1 GHz
68
dB
INPUT/OUTPUT CHARACTERISTICS
Output Common Mode
V
S/2
V
VOCM Adjustment Range
1
2.75
V
Input Common-Mode Range
2.25
2.75
V
Maximum Output Voltage Swing
1 dB compressed
3.5
V p-p
Output Common-Mode Offset
Referenced to VCC/2
−20
+10
mV
Output Common-Mode Drift
−40°C to +85°C
0.05
mV/°C
Output Differential Offset Voltage
−36
+22
mV
Common-Mode Rejection Ratio (CMRR)
60
dB
Output Differential Offset Drift
−40°C to +85°C
0.05
mV/°C
Input Bias Current
−40°C to +85°C
−20
µA
Input Resistance (Differential)
A
V = all gains
10
kΩ
Input Capacitance (Differential)
A
V = all gains
0.4
pF
Input Resistance (Single-Ended)
A
V = all gains
5
kΩ
Input Capacitance (Single-Ended)
A
V = all gains
0.8
pF
Output Resistance (Differential)
150
Ω
Output Capacitance (Differential)
1.2
pF
POWER INTERFACE
Supply Voltage
4.75
5.0
5.25
V
ENB Threshold
Low to high
2.2
V
High to low
1.3
V
ENB Input Bias Current
ENB high
30
µA
ENBL low
−180
µA
Quiescent Current
ENB high
56
60
64
mA
ENBL low
2.9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com