Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4960-1ACPZ-R7
Description  5 GHz, Low Distortion lADC Driver/Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4960-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet
ADA4960-1
Rev. A | Page 11 of 19
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–90
–85
–80
–75
–70
–65
–60
–55
–50
VOUT (V p-p)
500MHz
1GHz
250MHz
Figure 23. HD3 vs. Output Amplitude @ 250 MHz, 500 MHz, 1 GHz,
AV = 6 dB, VOUT = 0.9 V p-p
4.0
3.5
3.0
2.5
2.0
1.5
1.0
–8
–6
–4
–2
0
2
4
6
8
10
12
14
TIME (ns)
VOUTP
VOUTN
Figure 24. Output Overdrive, VOUT vs. Time, VIN = 1 V p-p, AV =12 dB
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
VOUT (V p-p)
–95
–90
–85
–80
–75
–70
–65
–60
1GHz
500MHz
250MHz
Figure 25. HD2 vs. VOUT @ 250 MHz, 500 MHz, and 1 GHz,
AV = 6 dB, VOUT = 0.9 V p-p
0.096
0.072
0.048
0.024
0
–0.024
0
2
4
6
8
10
12
14
TIME (ns)
VOUTP – VOUTN
VOCM
0.5%
0.5%
0.25%
0.25%
1%
Figure 26. Output Overdrive Recovery, VOUT vs. Time,
VIN = 1 V p-p, AV =12 dB, VOCM = 2.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com