Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4960-1ACPZ-R7
Description  5 GHz, Low Distortion lADC Driver/Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4960-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
ADA4960-1
Data Sheet
Rev. A | Page 16 of 19
ADC INTERFACING
The ADA4960-1 is a high speed amplifier with linearity
performance to drive high speed ADCs up to 1 GHz. Several
options are available to the designer to interface with an ADC.
The ADA4960-1 in Figure 38 is a differential input configuration,
using an input balun to provide the differential input signal. The
25 Ω resistors provide the input source match. The ADA4960-1
outputs can be directly connected to the ADC inputs as long as
the ADC input common mode is within the output common-
mode range of the ADA4960-1. The ADC V
CM output pin is
connected to the ADA4960-1 VOCM input pin to align the
ADA4960-1 output voltages with the ADC inputs.
A 100 Ω resistor across the outputs of the ADA4960-1 enhances
system bandwidth and distortion performance when the ADA4960-1
is driving an ADC with high input impedance. Lighter load
resistance improves distortion performance and lowers the
overall bandwidth.
IIP
VIP
25Ω
25Ω
50Ω
100Ω
0.1µF
5V
ETC1-1-13
ADA4960-1
0.1µF
AC
IIN
VIN
RG
VOP
VIN+
VIN–
ADC
VON
VOCM
VCM
Figure 38. Differential Input Configuration Directly Driving the ADC
The ADA4960-1 in Figure 39 is a single-ended input configura-
tion. The input is matched to the source with 50 Ω resistors. The
ADA4960-1 outputs can be directly connected to the ADC inputs
as long as the ADC input common mode is within the output
common-mode range of the ADA4960-1.
ADA4960-1
VOP
VIN+
VIN–
ADC
5V
VON
VOCM
VCM
IIP
VIP
50Ω
25Ω
50Ω
0.1µF
0.1µF
AC
IIN
VIN
RG
100Ω
Figure 39. Single-Ended Input Configuration Directly Driving the ADC
The signal source can be directly connected to the ADA4960-1
inputs as long as the source dc level is within the common-mode
input range of the ADA4960-1, as shown in Figure 40.
ADA4960-1
VOP
VIN+
VIN–
ADC
5V
VON
VOCM
VCM
IIP
VIP
50Ω
25Ω
50Ω
AC
IIN
VIN
RG
VREF
VREF
VREF
100Ω
Figure 40. Single-Ended Input Configuration, DC-Coupled Inputs and
Outputs
When the ADC input common mode is outside the output
common-mode range of the ADA4960-1, the outputs can be
ac-coupled to provide coupling, as shown in Figure 41.
ADA4960-1
VOP
VIN+
VIN–
ADC
5V
VON
IIP
VIP
50Ω
25Ω
50Ω
0.1µF
0.1µF
0.1µF
AC
IIN
VIN
RG
0.1µF
100Ω
Figure 41. Single-Ended Input Configuration, AC-Coupled to the ADC
LINE DRIVER APPLICATIONS
The user accessible gain adjust and bandwidth extension
features allow configuration of the ADA4960-1 for line driver
and channel equalization applications from dc to 6.5 Gbps.
Because of its extremely low distortion performance and high
linearity, the ADA4960-1 can be deployed in cable and backplane
channels to extend channel length and improve signaling
margin for serial links using receive equalization and transmit
pre-emphasis. The ADA4960-1 unidirectional signal path is
protocol and encoding agnostic, supporting myriad signaling
types such as NRZ and PAM2/4/8/N, coded (8b/10b), uncoded,
and out-of-band (SATA-OOB) data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com