Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4960-1ACPZ-R7
Description  5 GHz, Low Distortion lADC Driver/Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4960-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ADA4960-1
Data Sheet
Rev. A | Page 12 of 19
TEST CIRCUITS
IIP
VIP
25Ω
37.5Ω
25Ω
0.1µF
ETC1-1-13
ETC1-1-13
ADA4960-1
0.1µF
0.1µF
0.1µF
IIN
VIN
VOP
VON
RG
25Ω
25Ω
5V
37.5Ω
BAND-PASS
FILTER
SINE WAVE
GENERATOR
SPECTRUM
ANALYZER
50Ω
Figure 27. Distortion Test Circuit
IIP
VIP
PULSE
SOURCE
25Ω
0Ω
25Ω
0.1µF
ETC1-1-13
ADA4960-1
0.1µF
0.1µF
0.1µF
IIN
VIN
VOP
VON
RG
50Ω
50Ω
5V
0Ω
OSCILLOSCOPE
50Ω
Figure 28. Time Domain Test Circuit
IIP
VIP
NETWORK
ANALYZER
NETWORK
ANALYZER
50Ω
0Ω
50Ω
0.1µF
ADA4960-1
0.1µF
0.1µF
0.1µF
IIN
VIN
VOP
VON
RG
50Ω
50Ω
50Ω
50Ω
5V
0Ω
Figure 29. S-Parameter Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com