Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4960-1ACPZ-R7
Description  5 GHz, Low Distortion lADC Driver/Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4960-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
ADA4960-1
Rev. A | Page 13 of 19
CIRCUIT DESCRIPTION
BASIC STRUCTURE
The ADA4960-1 is a low noise, fully differential amplifier/ADC
driver that uses a single 5 V supply at 60 mA. This amplifier has
buffered inputs that isolate the gain-setting resistor (R
G) from
the input signals, keeping a constant 10 kΩ differential input
impedance for all gains.
The differential output impedance is 150 Ω. The gain range is
0 dB to 18 dB and is set using a single resistor (R
G).
IIP
VIP
0.1µF
75Ω
75Ω
0.1µF
AC
VOP
VON
IIN
VIN
RG
ADA4960-1
RS
2
RS
2
RS
2
RS
2
Figure 30. Basic Structure of the ADA4960-1
The ADA4960-1 can be ac-coupled or dc-coupled at the inputs
and/or outputs within the specified input and output common-
mode range.
The inputs, VIP and VIN, have a common-mode voltage range of
2.25 V to 2.75 V and are internally set at VCC/2. The outputs, VOP
and VON, have a common-mode voltage range of 1.0 V to 2.75 V
that can be set externally using the VOCM pin. The VOCM pin
is internally set to VCC/2 with no external connection.
The input of the device can be configured as single-ended or
differential with similar HD3 distortion results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com