Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4960-1ACPZ-R7
Description  5 GHz, Low Distortion lADC Driver/Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4960-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
ADA4960-1
Rev. A | Page 7 of 19
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD MUST BE CONNECTED TO GND.
12
11
10
1
3
4
VCC
VOP
VON
9
VCC
VIP
IIN
2
IIP
VIN
TOP VIEW
(Not to Scale)
ADA4960-1
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIP
Balanced Differential Input. This pin is internally biased to VCC/2.
2
IIP
Gain Setting Resistor. Connect RG between this pin and IIN.
3
IIN
Gain Setting Resistor. Connect RG between this pin and IIP.
4
VIN
Balanced Differential Input. This pin is internally biased to VCC/2.
5, 6
NC
Leave these pins unconnected.
7, 8, 9, 12
VCC
Positive 5 V Supply Pins.
10
VON
Balanced Differential Output. This pin is biased to the VOCM input voltage.
11
VOP
Balanced Differential Output. This pin is biased to the VOCM input voltage.
13
VOCM
This pin is internally biased at VCC/2. As an input, this pin sets the dc VOP and VON voltages.
14, 15
GND
Ground. Connect this pin to a low impedance ground.
16
PD
This pin grounded disables the part, and at 5 V, this pin turns the part on.
EPAD
The exposed pad must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com