Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5611ARKZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5611ARKZ-R7
Description  RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5611ARKZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5611ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADL5611
Data Sheet
Rev. B | Page 4 of 16
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY = 2140 MHz
Gain
21.2
dB
vs. Frequency
±50 MHz
±0.05
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
±0.38
dB
vs. Supply
4.75 V to 5.25 V
±0.23
dB
Output 1 dB Compression Point
20.6
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 0 dBm per tone
35.8
dBm
Noise Figure1
2.6
dB
FREQUENCY = 2600 MHz
Gain
20.7
dB
vs. Frequency
±50 MHz
±0.06
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
±0.55
dB
vs. Supply
4.75 V to 5.25 V
±0.25
dB
Output 1 dB Compression Point
19.4
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 0 dBm per tone
32.3
dBm
Noise Figure1
2.8
dB
FREQUENCY = 3500 MHz
Gain
20.3
dB
vs. Frequency
±50 MHz
±0.03
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
±1.05
dB
vs. Supply
4.75 V to 5.25 V
±0.26
dB
Output 1 dB Compression Point
17.4
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 0 dBm per tone
28.6
dBm
Noise Figure1
3.1
dB
FREQUENCY = 4000 MHz
Gain
20.0
dB
vs. Frequency
±50 MHz
±0.13
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
±1.55
dB
vs. Supply
4.75 V to 5.25 V
±0.27
dB
Output 1 dB Compression Point
16.2
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 0 dBm per tone
27.4
dBm
Noise Figure1
3.2
dB
FREQUENCY = 5000 MHz
Gain
16.3
dB
vs. Frequency
±50 MHz
±0.16
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
±1.49
dB
vs. Supply
4.75 V to 5.25 V
±0.28
dB
Output 1 dB Compression Point
16.0
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 0 dBm per tone
27.0
dBm
Noise Figure1
4.4
dB
FREQUENCY = 5800 MHz
Gain
14.3
dB
vs. Frequency
±50 MHz
±0.11
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
±1.67
dB
vs. Supply
4.75 V to 5.25 V
±0.23
dB
Output 1 dB Compression Point
12.8
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 0 dBm per tone
23.0
dBm
Noise Figure1
6.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com