Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5611ARKZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5611ARKZ-R7
Description  RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5611ARKZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5611ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADL5611
Rev. B | Page 5 of 16
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER INTERFACE
Supply Voltage
VPOS
4.75
5
5.25
V
Supply Current
94
124
mA
vs. Temperature
−40°C ≤ TA ≤ +105°C
−7/+14
mA
Power Dissipation
VPOS = 5 V
470
mW
1 Noise figure specified includes printed circuit board (PCB) traces losses.
TYPICAL SCATTERING PARAMETERS (S-PARAMETERS)
VPOS = 5 V and TA = 25°C.
Table 2.
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
30
−19.413
−26.158
+21.776
+172.769
−27.133
+0.556
−11.297
−165.214
50
−13.165
+18.866
+20.450
+161.606
−28.149
−13.136
−7.839
−163.448
100
−7.702
−16.728
+17.424
+169.845
−31.453
−6.433
−5.303
−189.380
200
−10.283
−70.711
+20.615
+170.893
−28.530
−3.592
−7.558
−220.163
300
−13.623
−97.401
+21.750
+153.718
−27.648
−17.328
−9.628
−229.758
400
−16.531
−116.624
+22.133
+137.323
−27.393
−29.469
−10.723
−234.863
500
−13.489
−133.038
+21.878
−227.398
−27.654
−30.240
−9.139
−242.984
600
−15.012
−155.101
+22.109
−242.602
−27.407
−41.040
−9.456
−252.814
700
−16.953
−173.278
+22.166
−258.309
−27.340
−52.626
−9.852
−259.624
800
−18.750
−191.016
+22.175
−273.359
−27.310
−63.591
−10.087
−266.406
900
−20.402
−209.005
+22.157
−287.987
−27.272
−74.251
−10.220
−273.138
1000
−22.020
−226.338
+22.123
−302.271
−27.262
−84.772
−10.281
−280.106
1100
−23.568
−243.133
+22.077
−316.366
−27.273
−94.790
−10.316
−286.874
1200
−25.331
−258.964
+22.018
−330.209
−27.269
−104.782
−10.341
−293.925
1300
−27.267
−272.170
+21.957
−343.987
−27.264
−114.842
−10.329
−300.962
1400
−29.729
−280.677
+21.882
−357.634
−27.273
−124.700
−10.350
−308.089
1500
−33.265
−281.069
+21.812
−371.163
−27.273
−134.354
−10.363
−314.919
1600
−35.854
−260.621
+21.737
−384.666
−27.266
−144.166
−10.357
−321.662
1700
−34.321
−226.683
+21.648
−398.040
−27.267
−154.033
−10.400
−328.324
1800
−29.745
−218.694
+21.569
−411.423
−27.245
−163.652
−10.392
−334.645
1900
−26.887
−221.152
+21.438
−424.771
−27.233
−173.766
−10.531
−341.717
2000
−24.113
−228.131
+21.331
−438.049
−27.225
−183.324
−10.566
−347.988
2100
−21.301
−235.040
+21.256
−451.001
−27.272
−193.034
−10.674
−352.991
2200
−19.164
−245.484
+21.164
−464.099
−27.274
−202.461
−10.724
−358.726
2300
−17.568
−257.372
+21.078
−477.290
−27.248
−212.036
−10.708
−364.342
2400
−16.338
−268.596
+20.965
−490.408
−27.207
−221.732
−10.706
−370.531
2500
−15.187
−279.362
+20.863
−503.418
−27.219
−231.237
−10.737
−376.605
2600
−14.370
−290.528
+20.734
−516.421
−27.195
−240.889
−10.755
−383.283
2700
−13.733
−301.461
+20.606
−529.269
−27.127
−250.483
−10.775
−390.170
2800
−13.062
−311.936
+20.519
−541.969
−27.084
−259.695
−10.809
−397.037
2900
−12.653
−322.355
+20.435
−554.516
−26.970
−269.348
−10.888
−404.594
3000
−12.418
−332.177
+20.380
−567.048
−26.772
−279.469
−11.086
−412.962
3100
−12.019
−342.619
+20.411
−579.843
−26.724
−289.424
−11.163
−420.818
3200
−11.809
−354.255
+20.422
−592.914
−26.607
−299.778
−11.348
−430.470
3300
−11.972
−366.792
+20.411
−606.400
−26.511
−309.746
−11.533
−440.976
3400
−12.388
−377.671
+20.419
−619.528
−26.359
−320.482
−12.017
−452.391
3500
−12.849
−390.154
+20.412
−633.251
−26.200
−331.064
−12.489
−465.304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com