Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5611ARKZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5611ARKZ-R7
Description  RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5611ARKZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5611ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADL5611
Rev. B | Page 11 of 16
GENERAL
Figure 15. Supply Current vs. Temperature
Figure 16. Gain Distribution at 900 MHz
Figure 17. Gain Distribution at 1900 MHz
Figure 18. Supply Current vs. POUT at 900 MHz
Figure 19. Supply Current vs. POUT for Various Temperatures,
VCC = 5 V at 900 MHz
Figure 20. Gain Distribution at 2600 MHz
80
85
90
95
100
105
110
115
120
125
130
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90 100 110
TEMPERATURE (°C)
5.25V
5V
4.75V
0
5
10
15
20
25
30
35
40
22.00
22.10
22.20
22.30
22.40
22.50
GAIN (dB)
0
10
20
30
40
50
60
21.1
21.2
21.3
21.4
21.5
21.6
21.7
21.7
GAIN (dB)
85
90
95
100
105
110
115
–5
0
5
10
15
20
POUT (dBm)
5.25V
5V
4.75V
75
80
85
90
95
100
105
110
115
–6
–4
–2
0
2
4
6
8
10
12
14
16
18
20
22
POUT (dBm)
5V, +105°C
5V, +85°C
5V, +25°C
5V, –40°C
0
5
10
15
20
25
30
35
40
45
50
20.3
20.4
20.5
20.6
20.7
20.8
20.9
21.0
GAIN (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com