Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5611ARKZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5611ARKZ-R7
Description  RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5611ARKZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5611ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADL5611
Rev. B | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
500 MHz TO 6 GHz FREQUENCY BAND
Figure 3. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency
Figure 4. Gain vs. Frequency and Temperature
Figure 5. OIP3 and P1dB vs. Frequency and Temperature
Figure 6. OIP3 vs. Output Power (POUT) and Frequency
Figure 7. Output Return Loss (S22), Input Return Loss (S11), and
Reverse Isolation (S12) vs. Frequency
Figure 8. Noise Figure vs. Frequency and Temperature
0
5
10
15
20
25
30
35
40
45
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
FREQUENCY (GHz)
OIP3 (dBm)
GAIN (dB)
P1dB (dBm)
NOISE FIGURE (dB)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
FREQUENCY (GHz)
0
5
10
15
20
25
+25°C
–40°C
+85°C
+105°C
+105°C
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
40
45
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
FREQUENCY (GHz)
+25°C
–40°C
+85°C
15
20
25
30
35
40
45
–5
–3
–1
1
3
5
POUT PER TONE (dBm)
700MHz
900MHz
1900MHz
2140MHz
2600MHz
3500MHz
5000MHz
5800MHz
4000MHz
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–35
–30
–25
–20
–15
–10
–5
0
FREQUENCY (GHz)
S22
S11
S12
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
FREQUENCY (GHz)
+25°C
–40°C
+85°C
+105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com