Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5611ARKZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5611ARKZ-R7
Description  RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5611ARKZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5611ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADL5611
Data Sheet
Rev. B | Page 12 of 16
Figure 21. Gain Distribution at 4000 MHz
Figure 22. P1dB Distribution at 900 MHz
Figure 23. OIP3 Distribution at 900 MHz, POUT = 0 dBm per Tone
Figure 24. Noise Figure Distribution at 900 MHz
Figure 25. Single-Tone Harmonics vs. Frequency, POUT = 0 dBm
0
5
10
15
20
25
30
35
40
19.6
19.7
19.8
19.9
20.0
20.1
20.2
20.3
GAIN (dB)
0
10
20
30
40
50
60
20.5 20.6 20.7 20.8 20.9 21.0 21.1 21.2 21.3 21.4 21.5
P1dB (dBm)
0
5
10
15
20
25
30
35
37
38
39
40
41
42
43
44
45
OIP3 (dBm)
0
10
20
30
40
50
60
70
80
90
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
NOISE FIGURE (dB)
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
FREQUENCY (GHz)
H2
H3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com