Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5611ARKZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5611ARKZ-R7
Description  RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5611ARKZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5611ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADL5611
Rev. B | Page 15 of 16
EVALUATION BOARD
Figure 31 shows the ADL5611 evaluation board layout. Figure 32
shows the schematic for the evaluation board. The board is
powered by a single 5 V supply. Table 7 lists the components
used on the evaluation board. Power can be applied to the
board through clip on terminals (VCC and GND).
Figure 31. Evaluation Board Layout (Top)
Figure 32. Evaluation Board Schematic
Table 7. Evaluation Board Configuration Options
Component
Description
Default Value
C1, C2
AC coupling capacitors
C1, C2 = 100 nF, 0402
L1
DC bias inductor
L1 = 43 nH, 0603 (Coilcraft 0603HP or equivalent)
R5
Bias resistor
R5 = 0 Ω, 0402
VCC and GND
Clip on terminals for power supply
Not applicable
C4, C5, C6
Power supply decoupling capacitors
C4 = 68 pF, 0603; C5 = 1.2 nF, 0603; C6 = 1 µF, 1206
1
2
(2)
3
ADL5611
L1
43nH
VCC
GND
RFIN
C1
100nF
RFOUT
C2
100nF
C6
1µF
C5
1.2nF
C4
68pF
R5
0Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com